Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 20Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 21Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 22Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 23Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 24Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 25Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 26Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 27Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 24 of 44
REGISTER DETAILS
This section describes the functions of the ADXL362 registers.
The ADXL362 powers up with default register values in the as
shown in the Reset column of Table 11 in the Register Map
section.
Note that any changes to the registers before the POWER_CTL
register (Register 0x00 to Register 0x2C) should be made with
the device in standby. If changes are made while the ADXL362
is in measurement mode, they may be effective for only part of
a measurement.
DEVICE ID REGISTER
Address: 0x00, Reset: 0xAD, Name: DEVID_AD
This register contains the Analog Devices device ID, 0xAD.
DEVICE ID: 0x1D REGISTER
Address: 0x01, Reset: 0x1D, Name: DEVID_MST
This register contains the Analog Devices MEMS device
ID, 0x1D.
PART ID: 0xF2 REGISTER
Address: 0x02, Reset: 0xF2, Name: PARTID
This register contains the device ID, 0xF2 (362 octal).
SILICON REVISION ID REGISTER
Address: 0x03, Reset: 0x01, Name: REVID
This register contains the product revision ID, beginning with
0x01 and incrementing for each subsequent revision.
X-AXIS DATA (8 MSB) REGISTER
Address: 0x08, Reset: 0x00, Name: XDATA
This register holds the eight most significant bits of the x-axis
acceleration data. This limited resolution data register is used in
power conscious applications where eight bits of data are sufficient:
energy can be conserved by reading only one byte of data per
axis, rather than two.
Y-AXIS DATA (8 MSB) REGISTER
Address: 0x09, Reset: 0x00, Name: YDATA
This register holds the eight most significant bits of the y-axis
acceleration data. This limited resolution data register is used in
power conscious applications where eight bits of data are sufficient:
energy can be conserved by reading only one byte of data per
axis, rather than two.
Z-AXIS DATA (8 MSB) REGISTER
Address: 0x0A, Reset: 0x00, Name: ZDATA
This register holds the eight most significant bits of the z-axis
acceleration data. This limited resolution data register is used in
power conscious applications where eight bits of data are sufficient:
energy can be conserved by reading only one byte of data per
axis, rather than two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com