Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL362BCCZ-R2 Datasheet(PDF) 32 Page - Analog Devices

Part # ADXL362BCCZ-R2
Description  Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL362BCCZ-R2 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADXL362BCCZ-R2 Datasheet HTML 28Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 29Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 30Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 31Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 32Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 33Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 34Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 35Page - Analog Devices ADXL362BCCZ-R2 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ADXL362
Data Sheet
Rev. B | Page 32 of 44
Address: 0x2B, Reset: 0x00, Name: INTMAP2
Table 16. Bit Descriptions for INTMAP2
Bits
Bit Name
Settings
Description
Reset
Access
7
INT_LOW
1 = INT2 pin is active low.
0x0
RW
6
AWAKE
1 = maps the awake status to INT2 pin.
0x0
RW
5
INACT
1 = maps the inactivity status to INT2 pin.
0x0
RW
4
ACT
1 = maps the activity status to INT2 pin.
0x0
RW
3
FIFO_OVERRUN
1 = maps the FIFO overrun status to INT2 pin.
0x0
RW
2
FIFO_WATERMARK
1 = maps the FIFO watermark status to INT2 pin.
0x0
RW
1
FIFO_READY
1 = maps the FIFO ready status to INT2 pin.
0x0
RW
0
DATA_READY
1 = maps the data ready status to INT2 pin.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com