Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
28
Freescale Semiconductor
Electrical Characteristics
4.3.2
LPDDR2 I/O DC Parameters
The LPDDR2 I/O pads support DDR2/LVDDR2, LPDDR2, and DDR3 operational modes.
4.3.2.1
DDR2 Mode I/O DC Parameters
The DDR2 interface fully complies with JESD79-2E DDR2 JEDEC standard release April, 2008. The
parameters in Table 11 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Input current (100 k
Ω Pull-down)
Iin
Vin = 0 V
Vin = OVDD
——
10
40
μA
Keeper Circuit Resistance
—
1304
—k
Ω
1 Overshoot and undershoot conditions (transitions above OVDD and below GND) on switching pads must be held below 0.6 V,
and the duration of the overshoot/undershoot must not exceed 10% of the system clock cycle. Overshoot/ undershoot must
be controlled through printed circuit board layout, transmission line impedance matching, signal line termination, or other
methods. Non-compliance to this specification may affect device reliability or cause permanent damage to the device.
2 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s.
3 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
4 Use an off-chip pull resistor of less than 60 kΩ to override this keeper.
Table 11. DDR2 I/O DC Electrical Parameters1
1 Note that the JEDEC SSTL_18 specification (JESD8-15a) for a SSTL interface for class II operation supersedes any
specification in this document.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage2
2 OVDD is the I/O power supply (1.7 V–1.9 V for DDR2)
Voh
Ioh = -0.1 mA
0.9 x OVDD
—
—
V
Low-level output voltage
Vol
Iol = 0.1 mA
—
—
0.1 x OVDD
V
Input Reference Voltage
Vref
0.49 x OVDD 0.5 x OVDD
0.51 x OVDD
DC input High Voltage (data pins)
Vihd
(dc)
—
Vref+0.125V
—
OVDD+0.3
V
DC input Low Voltage (data pins)
Vild (dc)
—
-0.3
—
Vref - 0.125V
V
DC Input voltage range of each
differential input3
3 Vin(dc) specifies the allowable DC voltage exertion of each differential input.
Vin (dc)
—
-0.3
—
OVDD + 0.3
V
DC Differential input voltage required for
switching 4
Vid (dc)
—
0.25
—
OVDD + 0.6
V
Termination Voltage
Vtt
Vtt
Vref - 0.04
Vref
Vref + 0.04
V
Input current (no pull-up/down)
Iin
Vin = 0 V
Vin = OVDD
—
—
—
—
1
1
μA
Keeper Circuit Resistance
—
—
—
1305
—k
Ω
Table 10. GPIO I/O DC Electrical Characteristics (continued)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com