Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
29
4.3.2.2
LPDDR2 Mode I/O DC Parameters
The LPDDR2 interface fully complies with JESD209-2B LPDDR2 JEDEC standard release June, 2009.
The parameters in Table 12 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
4.3.2.3
DDR3 Mode I/O DC Parameters
The DDR3 interface fully complies with JESD79-3D DDR3 JEDEC standard release April, 2008. The
parameters in Table 13 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
4 Vid(dc) specifies the input differential voltage |Vtr-Vcp| required for switching, where Vtr is the “true” input level and Vcp is the
“complementary” input level. The minimum value is equal to Vih(dc) -Vil(dc).
5 Use an off-chip pull resistor of less than 60 kΩ to override this keeper.
Table 12. LPDDR2 I/O DC Electrical Parameters1
1 Note that the JEDEC LPDDR2 specification (JESD209_2B) supersedes any specification in this document.
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
Ioh = -0.1 mA
0.9 x OVDD
—
—
V
Low-level output voltage
Vol
Iol = 0.1 mA
—
—
0.1 x OVDD
V
Input Reference Voltage
Vref
0.49 x OVDD 0.5 x OVDD
0.51 x OVDD
DC input High Voltage
Vih(dc)
—
Vref+0.13V
—
OVDD
V
DC input Low Voltage
Vil(dc)
—
OVSS
—
Vref - 0.13V
V
Differential Input Logic High
Vih(diff)
0.26
See Note2
2 The single-ended signals need to be within the respective limits (Vih(dc) max, Vil(dc) min) for single-ended signals as well as
the limitations for overshoot and undershoot.
Differential Input Logic Low
Vil(diff)
See Note2
-0.26
Input current (no pull-up/down)
Iin
Vin = 0 V
Vin = OVDD
—
—
—
—
1
1
μA
Pull-up/Pull-down impedance Mismatch
-15
+15
%
240
Ω unit calibration resolution
10
Ω
Keeper Circuit Resistance
—
—
—
1403
3 Use an off-chip pull resistor of less than 60 kΩ to override this keeper.
—k
Ω
Table 13. DDR3 I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
Ioh = -0.1 mA
0.8 x OVDD1
——
V
Low-level output voltage
Vol
Iol = 0.1 mA
—
—
0.2 x OVDD
V
DC input Logic High
VIH(dc)
—
Vref2+0.1
—
OVDD
V
DC input Logic Low
VIL(dc)
—
OVSS
—
Vref-0.1
V
Differential input Logic High
VIH(diff)
—
0.2
—
See Note3
V
Differential input Logic Low
VIL(diff)
—
See Note3
—-0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com