Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
62
Freescale Semiconductor
Electrical Characteristics
Figure 28 and Table 40 show the address and control timing parameters for DDR2 and DDR3.
Figure 28. DDR SDRAM Address and Control Parameters for DDR2 and DDR3
Table 40. DDR SDRAM Timing Parameter Table1 2
1 All timings are refer to Vref level cross point.
2
Reference load model is 25
Ω resistor from each of the DDR outputs to VDD_REF.
ID
Parameter
Symbol
SDCLK = 400 MHz
Units
Min
Max
DDR1
SDRAM clock high-level width
tCH
0.48
0.52
tCK
DDR2
SDRAM clock low-level width
tCL
0.48
0.52
tCK
DDR4
CS, RAS, CAS, CKE, WE, ODT setup time
tIS
0.6
—
ns
DDR5
CS, RAS, CAS, CKE, WE, ODT hold time
tIH
0.6
—
ns
DDR6
Address output setup time
tIS
0.6
—
ns
DDR7
Address output hold time
tIH
0.6
—
ns
SDCLK
WE
ADDR
ROW/BA
COL/BA
CS
CAS
RAS
DDR1
DDR2
DDR4
DDR4
DDR4
DDR5
DDR5
DDR5
DDR5
DDR6
DDR7
SDCLK
ODT/CKE
DDR4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com