Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
64
Freescale Semiconductor
Electrical Characteristics
Figure 31 and Table 43 show the data read timing parameters.
Figure 31. DDR SDRAM DQ vs. DQS and SDCLK Read Cycle
Table 42. DDR SDRAM Write Cycle 1 2 3
1 All timings are refer to Vref level cross point.
2
Reference load model is 25
Ω resistor from each of the DDR outputs to VDD_REF.
3 To receive the reported setup and hold values, write calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR17
DQ and DQM setup time to DQS (differential strobe)
tDS
0.285
—
ns
DDR18
DQ and DQM hold time to DQS (differential strobe)
tDH
0.285
—
ns
DDR21
DQS latching rising transitions to associated clock edges
tDQSS
-0.25
+0.25
tCK
DDR22
DQS high level width
tDQSH
0.45
0.55
tCK
DDR23
DQS low level width
tDQSL
0.45
0.55
tCK
Table 43. DDR SDRAM Read Cycle 1
1 To receive the reported setup and hold values, read calibration should be performed in order to locate the DQS in the middle
of DQ window.
ID
Parameter
Symbol
SDCLK = 400 MHz
Unit
Min
Max
DDR26
Minimum required DQ valid window width
except from LPDDR2
—0.6
—
ns
DDR26(LP
DDR2)
Minimum required DQ valid window width
for LPDDR2
—0.425
—
ns
DDR27
DQS to DQ valid data
—
0.275
0.475
ns
SDCLK
SDCLK_B
DQS (input)
DQ (input)
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DDR26
DDR27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com