Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 56Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 57Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 58Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
60
Freescale Semiconductor
Electrical Characteristics
Table 39. EIM Asynchronous Timing Parameters Table Relative Chip Select
Ref No.
Parameter
Determination by
Synchronous measured
parameters 12
Min
Max
(If 133 MHz is
supported by SOC)
Unit
WE31
CSx_B valid to Address Valid
WE4 - WE6 - CSA3
—
3 - CSA
ns
WE32
Address Invalid to CSx_B
invalid
WE7 - WE5 - CSN4
—3 - CSN
ns
WE32A(
muxed
A/D
CSx_B valid to Address Invalid
t5 + WE4 - WE7 + (ADVN +
ADVA + 1 - CSA3)
-3 + (ADVN +
ADVA + 1 - CSA)
—ns
WE33
CSx_B Valid to WE_B Valid
WE8 - WE6 + (WEA - CSA)
—
3 + (WEA - CSA)
ns
WE34
WE_B Invalid to CSx_B Invalid
WE7 - WE9 + (WEN - CSN)
—
3 - (WEN_CSN)
ns
WE35
CSx_B Valid to OE_B Valid
WE10 - WE6 + (OEA - CSA)
—
3 + (OEA - CSA)
ns
WE35A
(muxed
A/D)
CSx_B Valid to OE_B Valid
WE10 - WE6 + (OEA + RADVN
+ RADVA + ADH + 1 - CSA)
-3 + (OEA +
RADVN+RADVA+
ADH+1-CSA)
3 + (OEA +
RADVN+RADVA+AD
H+1-CSA)
ns
WE36
OE_B Invalid to CSx_B Invalid
WE7 - WE11 + (OEN - CSN)
—
3 - (OEN - CSN)
ns
WE37
CSx_B Valid to BEy_B Valid
(Read access)
WE12 - WE6 + (RBEA - CSA)
—
3 + (RBEA6 - CSA)
ns
WE38
BEy_B Invalid to CSx_B Invalid
(Read access)
WE7 - WE13 + (RBEN - CSN)
—
3 - (RBEN7- CSN)
ns
WE39
CSx_B Valid to ADV_B Valid
WE14 - WE6 + (ADVA - CSA)
—
3 + (ADVA - CSA)
ns
WE40
ADV_B Invalid to CSx_B
Invalid (ADVL is asserted)
WE7 - WE15 - CSN
—
3 - CSN
ns
WE40A
(muxed
A/D)
CSx_B Valid to ADV_B Invalid
WE14 - WE6 + (ADVN + ADVA
+ 1 - CSA)
-3 + (ADVN +
ADVA + 1 - CSA)
3 + (ADVN + ADVA +
1 - CSA)
ns
WE41
CSx_B Valid to Output Data
Valid
WE16 - WE6 - WCSA
—
3 - WCSA
ns
WE41A
(muxed
A/D)
CSx_B Valid to Output Data
Valid
WE16 - WE6 + (WADVN +
WADVA + ADH + 1 - WCSA)
—
3 + (WADVN +
WADVA + ADH + 1 -
WCSA)
ns
WE42
Output Data Invalid to CSx_B
Invalid
WE17 - WE7 - CSN
—
3 - CSN
ns
MAXCO Output max. delay from internal
driving ADDR/control FFs to
chip outputs.
10
—
—
ns
MAXCS
O
Output max. delay from CSx
internal driving FFs to CSx out.
10
—
—
MAXDI
DATA MAXIMUM delay from
chip input data to its internal FF
5—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com