Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
67
4.7.2.3
ECSPI Master Mode Timing
Figure 32 depicts the timing of ECSPI in master mode. Table 46 lists the ECSPI master mode timing
characteristics.
4.7.2.4
ECSPI Slave Mode Timing
Figure 33 depicts the timing of ECSPI in slave mode. Table 47 lists the ECSPI slave mode timing
characteristics.
Table 46. ECSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time—Read
SCLK Cycle Time—Write
tclk
30
15
—ns
CS2
SCLK High or Low Time—Read
SCLK High or Low Time—Write
tSW
14
7
—ns
CS3
SCLK Rise or Fall1
1 See specific I/O AC parameters Section 4.5, “I/O AC Parameters”
tRISE/FALL
——
ns
CS4
SSx pulse width
tCSLH
Half SCLK period
—
ns
CS5
SSx Lead Time (CS setup time)
tSCS
5—
ns
CS6
SSx Lag Time (CS hold time)
tHCS
5—
ns
CS7
MOSI Propagation Delay (CLOAD =20pF)
tPDmosi
-0.5
2.5
ns
CS8
MISO Setup Time
tSmiso
8.5
—
ns
CS9
MISO Hold Time
tHmiso
0—
ns
CS10
RDY to SSx Time2
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
tSDRY
5—
ns
Table 47. ECSPI Slave Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
SCLK Cycle Time–Read
SCLK Cycle Time–Write
tclk
15
40
—ns
CS2
SCLK High or Low Time–Read
SCLK High or Low Time–Write
tSW
7
20
—ns
CS4
SSx pulse width
tCSLH
Half SCLK period
—
ns
CS5
SSx Lead Time (CS setup time)
tSCS
5—
ns
CS6
SSx Lag Time (CS hold time)
tHCS
5—
ns
CS7
MOSI Setup Time
tSmosi
4—
ns
CS8
MOSI Hold Time
tHmosi
4—
ns
CS9
MISO Propagation Delay (CLOAD =20pF)
tPDmiso
417
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com