Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 31Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 32Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 33Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 34Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 35Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 36Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 37Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
34
Freescale Semiconductor
Electrical Characteristics
4.4.1
GPIO Output Buffer Impedance
Table 17 shows the GPIO output buffer impedance.
4.4.2
DDR Output Driver Average Impedance
The DDR2/LVDDR2 interface fully complies with JESD79-2E DDR2 JEDEC standard release April,
2008. The DDR3 interface fully complies with JESD79-3D DDR3 JEDEC standard release April, 2008.
Table 17. GPIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD 2.775 V
OVDD 1.875 V
Output Driver
Impedance
Rpu
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output Driver
Impedance
Rpd
Low Drive Strength, Ztl = 150
Ω
Medium Drive Strength, Ztl = 75
Ω
High Drive Strength, Ztl = 50
Ω
Max Drive Strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com