Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 39Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 40Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 41Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 42Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 43Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 44Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
43
4.6
System Modules Timing
This section contains the timing and electrical parameters for the modules in the i.MX53 processor.
4.6.1
Reset Timings Parameters
Figure 8 shows the reset timing and Table 30 lists the timing parameters.
Figure 8. Reset Timing Diagram
4.6.2
WDOG Reset Timing Parameters
Figure 9 shows the WDOG reset timing and Table 31 lists the timing parameters.
Figure 9. WATCHDOG_RST Timing Diagram
NOTE
CKIL is approximately 32 kHz. TCKIL is one period or approximately 30 μs.
4.6.3
Clock Amplifier Parameters (CKIH1, CKIH2)
The input to Clock Amplifier (CAMP) is internally ac-coupled allowing direct interface to a square wave
or sinusoidal frequency source. No external series capacitors are required.
Table 30. Reset Timing Parameters
ID
Parameter
Min
Max
Unit
CC1
Duration of RESET_IN to be qualified as valid (input slope = 5 ns)
50
—
ns
Table 31. WATCHDOG_RST Timing Parameters
ID
Parameter
Min
Max
Unit
CC5
Duration of WATCHDOG_RESET Assertion
1
—
TCKIL
RESET_IN
CC1
(Input)
WATCHDOG_RST
CC5
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com