Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
69
80
SCKT rising edge to FST out (wr) high6
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns
81
SCKT rising edge to FST out (wr) low6
—
—
—
—
—
—
22.0
12.0
x ck
i ck
ns
82
SCKT rising edge to FST out (wl) high
—
—
—
—
—
—
19.0
9.0
x ck
i ck
ns
83
SCKT rising edge to FST out (wl) low
—
—
—
—
—
—
20.0
10.0
x ck
i ck
ns
84
SCKT rising edge to data out enable from high
impedance
—
—
—
—
—
—
22.0
17.0
x ck
i ck
ns
86
SCKT rising edge to data out valid
—
—
—
—
—
—
18.0
13.0
x ck
i ck
ns
87
SCKT rising edge to data out high impedance 77
—
—
—
—
—
—
21.0
16.0
x ck
i ck
ns
89
FST input (bl, wr) setup time before SCKT falling edge6
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
90
FST input (wl) setup time before SCKT falling edge
—
—
—
—
2.0
18.0
—
—
x ck
i ck
ns
91
FST input hold time after SCKT falling edge
—
—
—
—
4.0
5.0
—
—
x ck
i ck
ns
95
HCKR/HCKT clock cycle
—
2 x TC
15
—
—
ns
96
HCKT input rising edge to SCKT output
—
—
—
18.0
—
ns
97
HCKR input rising edge to SCKR output
—
—
—
18.0
—
ns
1 VCORE_VDD= 1.00 ± 0.10V
Tj = -40 °C to 125 °C
CL= 50 pF
2 i ck = internal clock
x ck = external clock
i ck a = internal clock, asynchronous mode
(asynchronous implies that SCKT and SCKR are two different clocks)
i ck s = internal clock, synchronous mode
(synchronous implies that SCKT and SCKR are the same clock)
3 bl = bit length
wl = word length
wr = word length relative
4 SCKT(SCKT pin) = transmit clock
SCKR(SCKR pin) = receive clock
FST(FST pin) = transmit frame sync
FSR(FSR pin) = receive frame sync
HCKT(HCKT pin) = transmit high frequency clock
HCKR(HCKR pin) = receive high frequency clock
5 For the internal clock, the external clock cycle is defined by Icyc and the ESAI control register.
Table 48. Enhanced Serial Audio Interface (ESAI) Timing (continued)
No.
Characteristics1’2,3
Symbol
Expression3
Min
Max
Condition4 Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com