Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX53IEC Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 97Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 98Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 99Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 100Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 101Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
101
Figure 57. Asynchronous Parallel Interface Timing Diagram
Table 63. Asynchronous Display Interface Timing Parameters (Pixel Level)
ID
Parameter
Symbol
Value
Description
Unit
IP28a
Address Write system cycle time Tcycwa
ACCESS_SIZE_#
predefined value in DI REGISTER
ns
IP28d
Data Write system cycle time
Tcycwd
ACCESS_SIZE_#
predefined value in DI REGISTER
ns
IP29
RS start
Tdcsrr
UP#
RS strobe switch, predefined value
in DI REGISTER
ns
IP30
CS start
Tdcsc
UP#
CS strobe switch, predefined value
in DI REGISTER
ns
IP31
CS hold
Tdchc
DOWN#
CS strobe release, predefined
value in DI REGISTER
—
IP32
RS hold
Tdchrr
DOWN#
RS strobe release, predefined
value in DI REGISTER
—
IP35
Write start
Tdcsw
UP#
write strobe switch, predefined
value in DI REGISTER
ns
IP36
Controls hold time for write
Tdchw
DOWN#
write strobe release, predefined
value in DI REGISTER
ns
DI clock
RS
WR
RD
A0
D0
D1
PP_DATA_IN
D2
D3
IP27
IP28d
IP28a
IP37
IP33
IP35
IP38
IP34
IP36
IP29
IP31
IP32
IP47
IP30
IPP_CS
IPP_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com