Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 10 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 10 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 6Page - Intel Corporation LU82541PI Datasheet HTML 7Page - Intel Corporation LU82541PI Datasheet HTML 8Page - Intel Corporation LU82541PI Datasheet HTML 9Page - Intel Corporation LU82541PI Datasheet HTML 10Page - Intel Corporation LU82541PI Datasheet HTML 11Page - Intel Corporation LU82541PI Datasheet HTML 12Page - Intel Corporation LU82541PI Datasheet HTML 13Page - Intel Corporation LU82541PI Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
12
2.2
Internal MAC Architecture Block Diagram
Figure 2 shows the major internal function blocks of 82541(PI/GI/EI) MAC device. Compared to
its predecessors, the 82541(PI/GI/EI) MAC adds improved receive-packet filtering to support
SMBus-based manageability, as well as the ability to support transmit of SMBus-based
manageability packets. In addition, an ASF-compliant TCO controller is integrated into the MAC
for reduced-cost basic ASF manageability.
Figure 2. Internal Architecture Block Diagram
2.3
Integrated 10/100/1000Mbps PHY
The 82541(PI/GI/EI) contains an integrated 10/100/1000Mbps-capable Copper PHY. This PHY
communicates with the MAC controller using a standard GMII/MII interface internal to the
component to transfer transmit and receive data. A standard MDIO interface, accessible to
software via MAC control registers, is used to configure and monitor the PHY operation.
2.4
System Interface
82541(PI/GI/EI) provides a 32-bit PCI 2.2 bus interface which is capable of up to 66 MHz
operation in conventional PCI mode. In conventional PCI systems with a dedicated I/O bus per
connector, this interface should provide sufficient bandwidth to support a sustained 1000 Mb/sec
transfer rate. 64 KB of on-chip buffering mitigates instantaneous receive bandwidth demands and
eliminates transmit under-runs by buffering the entire outgoing packet prior to transmission.
PCI/PCI-
X Core
PCI Interface
EEPROM
Flash
DMA
Engine
Packet
Buffer
TX MAC
(10/100/
1000 Mb)
RX MAC
(10/100/
1000 Mb)
Packet/
Manageability
Filter
TX
Switch
ASF
Manageability
GMII/
MII
Link I/F
MDIO
MDIO
RMON
Statistics
SM Bus
Host Arbiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com