Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 42 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 42 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation LU82541PI Datasheet HTML 41Page - Intel Corporation LU82541PI Datasheet HTML 42Page - Intel Corporation LU82541PI Datasheet HTML 43Page - Intel Corporation LU82541PI Datasheet HTML 44Page - Intel Corporation LU82541PI Datasheet HTML 45Page - Intel Corporation LU82541PI Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
42
Signal Name
Pin
MDI[1]+
E13
MDI[1]-
E14
IRDY#
F1
FRAME#
F2
C/BE#[2]
F3
VSS
F4
VSS
F5
VSS
F6
VSS
F7
VSS
F8
VSS
F9
VSS
F10
AVSS
F11
RSVD_NC
F12
MDI[2]+
F13
MDI[2]-
F14
CLK
G1
VIO
G2
TRDY#
G3
PLL_1.2V
G4
1.2V
G5
1.2V
G6
VSS
G7
VSS
G8
VSS
G9
VSS
G10
AVSS
G11
ANALOG_1.8V
G12
ANALOG_1.2V
G13
AVSS
G14
STOP#
H1
INTA#
H2
DEVSEL#
H3
PLL_1.2V
H4
1.2V
H5
Table 32. Signal Names in Pin Order (Sheet 3 of 6) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com