Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 41 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 41 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 37Page - Intel Corporation LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation LU82541PI Datasheet HTML 41Page - Intel Corporation LU82541PI Datasheet HTML 42Page - Intel Corporation LU82541PI Datasheet HTML 43Page - Intel Corporation LU82541PI Datasheet HTML 44Page - Intel Corporation LU82541PI Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
41
Signal Name
Pin
AD[28]
C6
AD[29]
C7
CLK_RUN#
C8
SMBDATA
C9
VSS
C10
LED1 / ACTIVITY#
C11
AVSS
C12
MDI[0]+
C13
MDI[0]-
C14
AD[18]
D1
AD[19]
D2
AD[20]
D3
RSVD_VSS
D4
VSS
D5
VSS
D6
VSS
D7
VSS
D8
NC
D9
NC
D10
ANALOG_1.8V
D11
CLKR_1.8V
D12
AVSS
D13
IEEE_TEST-
D14
3.3V
E1
VSS
E2
AD[17]
E3
RSVD_VSS
E4
VSS
E5
VSS
E6
VSS
E7
VSS
E8
VSS
E9
VSS
E10
ANALOG_1.2V
E11
ANALOG_1.2V
E12
Table 32. Signal Names in Pin Order (Sheet 2 of 6) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com