Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 46 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 46 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation LU82541PI Datasheet HTML 41Page - Intel Corporation LU82541PI Datasheet HTML 42Page - Intel Corporation LU82541PI Datasheet HTML 43Page - Intel Corporation LU82541PI Datasheet HTML 44Page - Intel Corporation LU82541PI Datasheet HTML 45Page - Intel Corporation LU82541PI Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
46
5.4
Visual Pin Assignments
Figure 13. Visual Pin Assignments
AD[22]
AD[21]
AD[18]
3.3V
IRDY#
CLK
STOP#
PAR
NC
VSS
AD[11]
AD[14]
AD[16]
NC
AD[23]
M66EN
AD[19]
VSS
FRAME#
VIO
INTA#
PERR#
3.3V
AD[10]
AD[12]
AD[15]
VSS
SERR#
VSS
REQ#
AD[20]
AD[17]
C/BE#[2]
TRDY#
DVSEL#
GNT#
AD[8]
AD[9]
AD[13]
C/B3#[1]
3.3V
3.3V
AD[24]
C/BE#[3]
RSVD_
VSS
RSVD_
VSS
VSS
PLL_
1.2V
PLL_
1.2V
EEMODE
AD[6]
AD[7]
C/BE#[0]
1.2V
3.3V
IDSEL
AD[26]
RSVD_
NC
VSS
VSS
VSS
1.2V
1.2V
1.2V
AD[3]
AD[4]
AD[5]
1.2V
1.2V
AD[25]
AD[27]
AD[28]
VSS
VSS
VSS
1.2V
1.2V
1.2V
AD[2]
3.3V
VSS
VSS
1.2V
PME#
VSS
AD[29]
VSS
VSS
VSS
VSS
1.2V
1.2V
EECS
AD[0]
AD[1]
RSVD_
NC
1.2V
3.3V
AD[31]
CLK_
RUN#
VSS
VSS
VSS
VSS
1.2V
1.2V
VSS
3.3V
RSVD_
NC
NC
1.2V
AD[30]
RST#
SMBDATA
NC
VSS
VSS
VSS
VSS
1.2V
FLSH_
SO
FLSH_
SCK
FLSH_
CE#
1.2V
1.2V
LAN_
PWR_
GOOD
SMB_
ALERT
VSS
NC
VSS
VSS
VSS
VSS
1.2V
EEDI
EEDO
EESK
1.2V
1.2V
SMBCLK
LED2/
LINK
100#
LED1/
ACTIVITY#
ANALOG_
1.8V
ANALOG_
1.2V
AVSS
AVSS
ANALOG_
1.2V
1.2V
CTRL12
RSVD_
NC
FLSH_
SI
VSS
1.2V
3.3V
LED3/
LINK
1000#
AVSS
CLKR_
1.8V
ANALOG_
1.2V
RSVD_
NC
ANALOG_
1.8V
NC
AUX_
PWR
3.3V
VSS
SDP[3]
JTAG_
TMS
AVSS
LED0/
LINK_
UP#
CTRL18
MDI[0]+
AVSS
MDI[1]+
MDI[2]+
ANALOG_
1.2V
MDI[3]+
XTAL_
1.8V
SDP[1]
SDP[2]
JTAG_
TDI
JTAG_
TRST#
3.3V
TEST
IEEE_
TEST+
MDI[0]-
IEEE_
TEST-
MDI[1]-
MDI[2]-
AVSS
MDI[3]-
XTAL2
NC
SDP[0]
JTAG_
TDO
JTAG_
TCK
XTAL1
NC
ABC
D
E
F
G
H
J
KL
M
NP
1
2
3
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com