Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 33 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 33 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 29Page - Intel Corporation LU82541PI Datasheet HTML 30Page - Intel Corporation LU82541PI Datasheet HTML 31Page - Intel Corporation LU82541PI Datasheet HTML 32Page - Intel Corporation LU82541PI Datasheet HTML 33Page - Intel Corporation LU82541PI Datasheet HTML 34Page - Intel Corporation LU82541PI Datasheet HTML 35Page - Intel Corporation LU82541PI Datasheet HTML 36Page - Intel Corporation LU82541PI Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
33
5.0
Package and Pinout Information
This section describes the 82541(PI/GI/EI) device physical characteristics. The pin number-to-
signal mapping is indicated beginning with Table 14.
5.1
Package Information
The 82541(PI/GI/EI) device is a 196-lead plastic ball grid array (BGA) measuring 15 mm by
15 mm. The package dimensions are detailed below. The nominal ball pitch is 1 mm.
Figure 11. 82541(PI/GI/EI) Mechanical Specifications
Note:
No changes to existing soldering processes are needed for the 0.32 mm substrate change.
0.32 +/-0.04
0.40 +/-0.10
Seating Plate
0.85
1.56 +/-0.19
30
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com