Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 35 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 35 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 31Page - Intel Corporation LU82541PI Datasheet HTML 32Page - Intel Corporation LU82541PI Datasheet HTML 33Page - Intel Corporation LU82541PI Datasheet HTML 34Page - Intel Corporation LU82541PI Datasheet HTML 35Page - Intel Corporation LU82541PI Datasheet HTML 36Page - Intel Corporation LU82541PI Datasheet HTML 37Page - Intel Corporation LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
35
5.2
Thermal Specifications
The 82541(PI/GI/EI) device is specified for operation when the ambient temperature (TA) is within
the range of 0° C to 70° C.
TC (case temperature) is calculated using the equation:
TC = TA + P (θJA - θJC)
TJ (junction temperature) is calculated using the equation:
TJ = TA + P θJA
P (power consumption) is calculated by using the typical ICC, as indicated in Table 7 of Section 4.0,
and nominal VCC. The preliminary thermal resistances are shown in Table 13.
Thermal resistances are determined empirically with test devices mounted on standard thermal test
boards. Real system designs may have different characteristics due to board thickness, arrangement
of ground planes, and proximity of other components. The case temperature measurements should
be used to assure that the 82541(PI/GI/EI) device is operating under recommended conditions.
Table 13. Thermal Characteristics
Symbol
Parameter
Preliminary Value at specified
airflow (m/s)
Units
012
θJA
Thermal resistance, junction-to-ambient
29
25.0
23.5
C/Watt
θJC
Thermal resistance, junction-to-case
11.1
11.1
11.1
C/Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com