Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 25 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 25 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 21Page - Intel Corporation LU82541PI Datasheet HTML 22Page - Intel Corporation LU82541PI Datasheet HTML 23Page - Intel Corporation LU82541PI Datasheet HTML 24Page - Intel Corporation LU82541PI Datasheet HTML 25Page - Intel Corporation LU82541PI Datasheet HTML 26Page - Intel Corporation LU82541PI Datasheet HTML 27Page - Intel Corporation LU82541PI Datasheet HTML 28Page - Intel Corporation LU82541PI Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
25
4.4
AC Characteristics
IOH
Output high
current:
0
≤ (VDD-VOUT) ≤
3.6V
-74 * (VDD -
VOUT)
mA
0
≤ (VDD-VOUT) ≤
1.2V
-32 * (VDD -
VOUT)
1.2V
≤ (VDD-VOUT) ≤
1.9V
-11 * (VDD -
VOUT)-25.2
1.9V
≤ (VDD-VOUT) ≤
3.6V
-1.8 * (VDD -
VOUT)-42.7
VOH
Output high
voltage:
V
3.3 V PCI
IOH = -500 mA
0.9 * VDD (3.3)
VOL
Output low
voltage:
V
3.3 V PCI
IOL = 1500 mA
0.1 * VDD (3.3)
IOZ
Off-state output
leakage current
VO = VDD or VSS
-10
10
µA
IOS
Output short
circuit current
-250
CIN
Input
capacitancec
Input and bi-
directional buffers
8pF
a. This is only applicable to the 82541PI. The maximum VIL is 0.6 V for the following pins: A13, C5, C8, J4, L7, L13, L12, M8, M12,
M13, N10, N11, N13, N14, P9, and P13.
b. This is only applicable to the 82541PI.
c.
VDD (3.3) = 0 V; TA = 25 C; f = 1 Mhz
Table 12. AC Characteristics: 3.3 V Interfacing
Symbol
Parameter
Min
Typ
Max
Unit
CLK
Clock frequency in PCI mode
66
MHz
Table 13. 25 MHz Clock Input Requirements
Symbol
Parameter
Specifications
Units
Min
Typ
Max
f0
Frequency
25
MHz
df0
Frequency variation
-50
+30
ppm
Dc
Duty cycle
40
60
%
tr
Rise time
5
ns
tf
Fall time
5
ns
Jptp
Clock jitter (peak-to-peak)a
250
ps
Table 11. I/O Characteristics (Sheet 2 of 2) (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com