Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 32 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 32 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 28Page - Intel Corporation LU82541PI Datasheet HTML 29Page - Intel Corporation LU82541PI Datasheet HTML 30Page - Intel Corporation LU82541PI Datasheet HTML 31Page - Intel Corporation LU82541PI Datasheet HTML 32Page - Intel Corporation LU82541PI Datasheet HTML 33Page - Intel Corporation LU82541PI Datasheet HTML 34Page - Intel Corporation LU82541PI Datasheet HTML 35Page - Intel Corporation LU82541PI Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
32
Table 21. EEPROM Link Interface Clock Requirements
Symbol
Parametera
a. The EEPROM clock is derived from a 125 MHz internal clock.
Min
Typ
Max
Unit
TPW
Microwire EESK pulse width
TPERIOD x
64
ns
SPI EESK pulse width
TPERIOD x
32
ns
Table 22. EEPROM Link Interface Clock Requirements
Symbol
Parametera
Min
Typ
Max
Unit
TDOS
EEDO setup time
TCYC*2
ns
TDOH
EEDO hold time
0
ns
a. The EEDO setup and hold time is a function of the PCI bus clock cycle time but is referenced to O_EESK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com