Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 44 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 44 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation LU82541PI Datasheet HTML 41Page - Intel Corporation LU82541PI Datasheet HTML 42Page - Intel Corporation LU82541PI Datasheet HTML 43Page - Intel Corporation LU82541PI Datasheet HTML 44Page - Intel Corporation LU82541PI Datasheet HTML 45Page - Intel Corporation LU82541PI Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
44
Signal Name
Pin
3.3V
K13
XTAL1
K14
AD[14]
L1
AD[15]
L2
C/BE#[1]
L3
1.2V
L4
1.2V
L5
VSS
L6
RSVD_NC
L7
NC
L8
1.2V
L9
1.2V
L10
VSS
L11
JTAG_TMS
L12
JTAG_TRST#
L13
JTAG_TCK
L14
AD[11]
M1
AD[12]
M2
AD[13]
M3
C/BE#[0]
M4
AD[5]
M5
VSS
M6
AD[1]
M7
RSVD_NC
M8
FLSH_CE#
M9
EESK
M10
FLSH_SI
M11
SDP[3]
M12
JTAG_TDI
M13
JTAG_TDO
M14
VSS
N1
AD[10]
N2
AD[9]
N3
AD[7]
N4
AD[4]
N5
Table 32. Signal Names in Pin Order (Sheet 5 of 6) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com