Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 28 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 28 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 24Page - Intel Corporation LU82541PI Datasheet HTML 25Page - Intel Corporation LU82541PI Datasheet HTML 26Page - Intel Corporation LU82541PI Datasheet HTML 27Page - Intel Corporation LU82541PI Datasheet HTML 28Page - Intel Corporation LU82541PI Datasheet HTML 29Page - Intel Corporation LU82541PI Datasheet HTML 30Page - Intel Corporation LU82541PI Datasheet HTML 31Page - Intel Corporation LU82541PI Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
28
NOTES:
1. Output timing measurements are as shown.
2. REQ# and GNT# signals are point-to-point and have different output valid delay and input setup times than
bussed signals. GNT# has a setup of 10 ns; REQ# has a setup of 12 ns. All other signals are bussed.
3. Input timing measurements are as shown.
Figure 4. AC Test Loads for General Output Pins
Table 18. PCI Bus Interface Timing Parameters
Symbol
Parameter
PCI 66MHz
PCI 33 MHz
Units
MinMax
MinMax
TVAL
CLK to signal valid delay: bussed
signals
26
2
11
ns
TVAL(ptp)
CLK to signal valid delay: point-
to-point signals
26
2
12
ns
TON
Float to active delay
2
2
ns
TOFF
Active to float delay
14
28
ns
TSU
Input setup time to CLK: bussed
signals
37
ns
TSU(ptp)
Input setup time to CLK: point-to-
point signals
5
10, 12
ns
TH
Input hold time from CLK
0
0
ns
0.6 Vcc
0.2 Vcc
0.5 Vcc
0.4 Vcc
0.3 Vcc
Tcyc
Th
Tl
0.4 Vcc p-to-p
(minimum)
3.3 V Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com