Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 38 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 38 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 34Page - Intel Corporation LU82541PI Datasheet HTML 35Page - Intel Corporation LU82541PI Datasheet HTML 36Page - Intel Corporation LU82541PI Datasheet HTML 37Page - Intel Corporation LU82541PI Datasheet HTML 38Page - Intel Corporation LU82541PI Datasheet HTML 39Page - Intel Corporation LU82541PI Datasheet HTML 40Page - Intel Corporation LU82541PI Datasheet HTML 41Page - Intel Corporation LU82541PI Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
38
Table 24. Other Signals
Signal
Pin
Signal
Pin
SDP[0]
N14
SDP[2]
N13
SDP[1]
P13
SDP[3]
M12
Table 25. IEEE Test Signals
Signal
Pin
Signal
Pin
IEEE_TEST-
D14
IEEE_TEST+
B14
Table 26. PHY Signals
Signal
Pin
Signal
Pin
Signal
Pin
MDI[0]-
C14
MDI[2]-
F14
XTAL1
K14
MDI[0]+
C13
MDI[2]+
F13
XTAL2
J14
MDI[1]-
E14
MDI[3]-
H14
MDI[1]+
E13
MDI[3]+
H13
Table 27. Test Interface Signals
Signal
Pin
Signal
Pin
Signal
Pin
JTAG_TCK
L14
JTAG_TDO
M14
JTAG_TRST#
L13
JTAG_TDI
M13
JTAG_TMS
L12
TEST
A13
Table 28. Digital Power Signals (Sheet 1 of 2)
Signal
Pin
Signal
Pin
Signal
Pin
3.3V
A3
1.2V
G5
1.2V
J9
3.3V
A7
1.2V
G6
1.2V
K10
3.3V
A11
1.2V
H5
1.2V
K11
3.3V
E1
1.2V
H6
1.2V
K5
3.3V
K3
1.2V
H7
1.2V
K6
3.3V
K4
1.2V
H8
1.2V
K7
3.3V
K13
1.2V
J10
1.2V
K8
3.3V
N6
1.2V
J11
1.2V
K9
3.3V
N8
1.2V
J5
1.2V
L10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com