Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 17 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 17 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 13Page - Intel Corporation LU82541PI Datasheet HTML 14Page - Intel Corporation LU82541PI Datasheet HTML 15Page - Intel Corporation LU82541PI Datasheet HTML 16Page - Intel Corporation LU82541PI Datasheet HTML 17Page - Intel Corporation LU82541PI Datasheet HTML 18Page - Intel Corporation LU82541PI Datasheet HTML 19Page - Intel Corporation LU82541PI Datasheet HTML 20Page - Intel Corporation LU82541PI Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
17
3.6
Test Interface Signals (6)
3.7
Power Supply Connections
3.7.1
Digital and Analog Supplies
MDI[3]+/-
A
Media Dependent Interface [3].
1000BASE-T: In MDI configuration, MDI[3]+/- corresponds to BI_DC+/-, and in MDI-X
configuration, MDI[3]+/- corresponds to BI_DD+/-.
100BASE_TX: Unused.
10BASE-T: Unused.
IEEE_TEST-
A
IEEE test pin output minus. Used to gain access to the internal PHY clock for
1000BASE-T IEEE physical layer conformance testing.
IEEE_TEST+
A
Analog test pin output plus. Used to gain access to the internal PHY clock for
1000BASE-T IEEE physical layer conformance testing.
Symbol
Type
Name and Function
TEST
I
Test Enable. Enables test mode.
Normal mode: connect to VSS.
JTAG_TCK
I
JTAG Test Access Port Clock.
JTAG_TDI
I
JTAG Test Access Port Data In.
JTAG_TDO
O
JTAG Test Access Port Data Out.
JTAG_TMS
I
JTAG Test Access Port Mode Select.
JTAG_TRST#
I
JTAG Test Access Port Reset. This is an active low reset signal for JTAG.
To disable the JTAG interface, this signal should be terminated using pull-
down resistor (1 K
Ω for the 82541GI(EI) and 100 Ω for the 82541PI) to
ground. It must not be left unconnected.
Symbol
Type
Name and Function
3.3V
P
3.3 V I/O Power Supply.
ANALOG_1.8V
P
1.8 V Analog Power Supply.
CLKR_1.8V
P
1.8 V analog power supply for the clock recovery.
XTAL_1.8V
P
Input power for the XTAL regulator.
1.2V
P
1.2 V Power supply. For analog and digital circuits.
ANALOG_1.2V
P
1.2 V Analog Power Supply.
PLL_1.2V
P
Input power for the ICS regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com