Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LU82541PI Datasheet(PDF) 27 Page - Intel Corporation

Part # LU82541PI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LU82541PI Datasheet(HTML) 27 Page - Intel Corporation

Back Button LU82541PI Datasheet HTML 23Page - Intel Corporation LU82541PI Datasheet HTML 24Page - Intel Corporation LU82541PI Datasheet HTML 25Page - Intel Corporation LU82541PI Datasheet HTML 26Page - Intel Corporation LU82541PI Datasheet HTML 27Page - Intel Corporation LU82541PI Datasheet HTML 28Page - Intel Corporation LU82541PI Datasheet HTML 29Page - Intel Corporation LU82541PI Datasheet HTML 30Page - Intel Corporation LU82541PI Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
27
4.5
Timing Specifications
AC Test Loads for General Output Pins
Symbol
Signal Name
Value
Units
CL
TDO
10
pF
CL
PME#, SDP[3:0]
16
pF
CL
EEDI, EESK
18
pF
CL
LED[3:0]
20
pF
Figure 3. AC Test Loads for General Output Pins
Table 17. PCI Bus Interface Clock Parameters
Symbol
Parametera
a. Rise and fall times are specified in terms of the edge rate measured in V/ns. This slew rate must be met across the
minimum peak-to-peak portion of the clock waveform as shown.
PCI 66 MHz
PCI 33 MHz
Units
Min
Max
Min
Max
TCYC
CLK cycle time
15
30
30
ns
TH
CLK high time
6
11
ns
TL
CLK low time
6
11
ns
CLK slew rate
1.5
4
1
4
V/ns
RST# slew rateb
b. The minimum RST# slew rate applies only to the rising (de-assertion) edge of the reset signal and ensures that system
noise cannot render a monotonic signal to appear bouncing in the switching range.
50
50
mV/ns
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com