Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 23Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 24Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 25Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
10XSC425
POWER OUTPUT TIMING HS0 TO HS3 (CONTINUED)
tBC1_00
tBC2_00
tBC3_00
tBC4_00
tBC5_00
tBC6_00
tBC1_01
tBC2_01
tBC3_01
tBC4_01
tBC5_01
tBC6_01
tBC1_10
tBC2_10
tBC3_10
tBC4_10
tBC5_10
tBC6_10
tBC1_00
tBC2_00
tBC3_00
tBC4_00
tBC5_00
tBC6_00
tBC1_01
tBC2_01
tBC3_01
tBC4_01
tBC5_01
tBC6_01
tBC1_10
tBC2_10
tBC3_10
tBC4_10
tBC5_10
tBC6_10
HS[0,1] Bulb Cooling Time Step for 28W bit = 0
• CB[1:0] = 00 or 11 (medium)
• CB[1:0] = 01 (fast)
• CB[1:0] = 10 (slow)
HS[0,1] for 28W bit = 1 or for HS2-HS3
• CB[1:0] = 00 or 11 (medium)
• CB[1:0] = 01 (fast)
• CB[1:0] = 10 (slow)
242
126
140
158
181
211
121
63
70
79
90
105
484
252
280
316
362
422
291
156
178
208
251
314
146
78
88
101
126
226
583
312
357
417
501
628
347
181
200
226
259
302
173
90
100
113
129
151
694
362
400
452
518
604
417
224
255
298
359
449
209
112
127
145
180
324
834
448
510
596
717
898
452
236
260
294
337
393
226
118
130
147
169
197
1904
472
520
588
674
786
542
292
332
388
467
584
272
146
166
189
234
422
1085
582
665
775
933
1170
ms
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com