Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 49Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 50Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 51Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
10XSC425
6.4.4.1
Previous Address SOA4:SOA0 = A1A0000 (STATR_s)
The returned data OD8 reports logic [1] in case of previous Power ON Reset condition (VSUPPLY(POR)). This bit is only reset by
a read operation.
Bits OD7:OD0 reflect the current state of the Fault register (FLTR) corresponding to the output previously selected with the bits
SOA4:SOA3 = A1A0 (Table 23).
• OC_s: overcurrent fault detection for a selected output,
• SC_s: severe short-circuit fault detection for a selected output,
• OS_s: output shorted to VPWR fault detection for a selected output,
• OLOFF_s: OpenLoad in OFF state fault detection for a selected output,
• OLON_s: OpenLoad in ON state fault detection (depending on current level threshold: bulb or LED) for a selected output,
• OV: overvoltage fault detection,
• UV: undervoltage fault detection
• POR: power on reset detection.
The FSB pin reports all faults. For latched faults, this pin is reset by a new Switch OFF command (toggling fault_control signal).
6.4.4.2
Previous Address SOA4:SOA0 = A1A0001 (Pwmr_s)
The returned data contains the programmed values in the PWMR register for the output selected with A1A0.
6.4.4.3
Previous Address SOA4:SOA0 = A1A0010 (confr0_s)
The returned data contains the programmed values in the CONFR0 register for the output selected with A1A0.
6.4.4.4
Previous Address SOA4:SOA0 = A1A0011 (confr1_s)
The returned data contains the programmed values in the CONFR1 register for the output selected with A1A0.
6.4.4.5
Previous Address SOA4:SOA0 = A1A0100 (ocr_s)
The returned data contains the programmed values in the OCR register for the output selected with A1A0.
6.4.4.6
Previous Address SOA4:SOA0 = 00101 (gcr)
The returned data contains the programmed values in the GCR register.
6.4.4.7
Previous Address SOA4:SOA0 = 00111 (diagr0)
The returned data OD2 reports logic [1] in case of PWM clock on IN0 pin is out of specified frequency range.
The returned data OD1 reports logic [1] in case of calibration failure.
The returned data OD0 reports logic [1] in case of overtemperature prewarning (temperature of GND flag is above TOTWAR).
6.4.4.8
Previous Address SOA4:SOA0 = 01111 (diagr1)
The returned data OD4: OD1 report in real time the state of the direct input IN[3:0].
The OD0 indicates if the watchdog is enabled (set to logic [1]) or not (set to logic [0]). OD4:OD1 report the output state in case
of Fail-safe state due to watchdog time-out as explained in the following Table 24.
Table 24. Watchdog Activation Report
WD_en (OD0)
SPI Watchdog
0
disabled
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com