Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 49Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 50Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
47
10XSC425
6.4.4
Serial Output Bit Assignment
The 16 bits of serial output data depend on the previous serial input message, as explained in the following paragraphs. Table 23,
summarizes SO returned data for bits OD15:OD0.
• Bit OD15 is the MSB; it reflects the state of the Watchdog bit from the previously clocked-in message.
• Bits OD14:OD10 reflect the state of the bits SOA4:SOA0 from the previously clocked-in message.
• Bit OD9 is set to logic [1] in Normal mode (NM).
• The contents of bits OD8:OD0 depend on bits D4:D0 from the most recent STATR command SOA4:SOA0 as explained
in the paragraphs following Table 23.
Table 23. Serial Output Bit Map Description
Previous
STATR
SO Returned Data
S
O
A
4
S
O
A
3
S
O
A
2
S
O
A
1
S
O
A
0
OD
15
OD
14
OD
13
OD
12
OD
11
OD
10
O
D9
OD8 OD7 OD6
OD5
OD4
OD3
OD2
OD1
OD0
STATR
_s
A1 A0 0 0 0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
POR
UV
OV
OLON
_s
OLOF
F_s
OS_s
OT_s
SC_s
OC_s
PWMR
_s
A1 A0 0 0 1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
28W
_s
ON_
s
PWM
6_s
PWM
5_s
PWM
4_s
PWM3_s
PWM2_s
PWM1_s PWM0_s
CONF
R0_s
A1 A0 0 1 0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
DIR_d
is_s
SR1_
s
SR0_s
DELAY2_s DELAY1
_s
DELAY0
_s
CONF
R1_s
A1 A0 0 1 1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
Retry_
unlimit
ed_s
Retry_
dis_s
OS_di
s_s
OLON_dis
_s
OLOFF_dis
_s
OLLED_
en_s
CSNS_r
atio_s
OCR_s A1 A0 1 0 0
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
Xeno
n_s
BC1
_s
BC0_
s
OC1_
s
OC0_
s
OCHI_s
OCLO1_s
OCLO0_
s
OC_mod
e_s
GCR
0
0
1
0
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
VDD
_FAI
L_e
n
PW
M_e
n
CLOC
K_sel
TEMP
_en
CSNS
_en
CSNS1
CSNS0
X
OV_dis
DIAGR
0
0
0
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
X
X
CLOCK_fail CAL_fail
OTW
DIAGR
1
0
1
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
IN3
IN2
IN1
IN0
WD_en
DIAGR
2
1
0
1
1
1
WDI
N
SO
A4
SOA
3
SOA
2
SO
A1
SO
A0
N
M
X
X
X
X
X
X0
1
1
Regist
er
state
after
RST=
0 or
VDD(F
AIL) or
VSUPP
LY(POR
)
conditi
on
N/
A
N/
A
N/
A
N/
A
N/
A
0
0
0
0
0
0
0
X
0
0
0
0
00
0
0
s=Output selection with the bits A1A0 as defined in Table 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com