Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 42Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 48Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
10XSC425
Figure 15. Overcurrent Profile with OCHI Bit Set to ‘1’
The wire harness is protected by one of four possible current levels in steady state, as defined in Table 18.
Bit D0 (OC_mode_sel) allows to select the overcurrent mode, as described Table 19.
Address 00101—GLObal configuration regIster (GCR)
The GCR register allows the MCU to configure the device through the SPI.
Bit D8 allows the MCU to enable or disable the VDD failure detector. A logic [1] on VDD_FAIL_en bit allows switch of the outputs
HS[0:3] with PWMR register device in Fail-safe mode in case of VDD < VDD(FAIL).
Bit D7 allows the MCU to enable or disable the PWM module. A logic [1] on PWM_en bit allows control of the outputs HS[0:3]
with PWMR register (the direct input states are ignored).
Bit D6 (CLOCK_sel) allows to select the clock used as reference by PWM module, as described in the following Table 20.
Bits D5:D4 allow the MCU to select one of two analog feedbacks on CSNS output pin, as shown in Table 21.
Table 18. Output Steady State Selection
OCLO1 (D2) OCLO0 (D1)
Steady State Current
0
0
OCLO2 (default)
01
OCLO3
10
OCLO4
11
OCLO1
Table 19. Overcurrent Mode Selection
OC_mode_s (D0)
Overcurrent Mode
0
only inrush current management (default)
1
inrush current and bulb cooling management
Table 20. PWM Module Selection
PWM_en (D7) CLOCK_sel (D6)
PWM module
0X
PWM module disabled (default)
10
PWM module enabled with external
clock from IN0
11
PWM module enabled with
internal calibrated clock
IOCH1
IOCH2
IOC1
IOC2
IOC3
IOC4
IOCL3
IOCL2
IOCL1
tOC1
tOC2
tOC3 tOC4 tOC5 tOC6
tOC7
Time
IOCL4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com