Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 26Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 27Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 28Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 29Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 30Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 31Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 32Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 33Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
10XSC425
5.3
Functional Internal Block Description
Figure 9. Functional Block Diagram
5.3.1
Power Supply
The 10XSC425 is designed to operate from 4.0 to 28 V on the VPWR pin. Characteristics are provided from 6.0 to 20 V for the
device. The VPWR pin supplies power to internal regulator, analog, and logic circuit blocks. The VDD supply is used for Serial
Peripheral Interface (SPI) communication in order to configure and diagnose the device. This IC architecture provides a low
quiescent current Sleep mode. Applying VPWR and VDD to the device will place the device in the Normal mode. The device will
transit to Fail-safe mode during failures on the SPI or/and on VDD voltage.
5.3.2
High Side Switches (HS0–HS3)
These pins are the high side outputs controlling lamps located for the front of vehicle, such as 65 W/55 W bulbs and Xenon-HID
modules. Those N-channel MOSFETs with 10 m
 and 25 m RDS(ON) are self-protected and present extended diagnostics in
order to detect bulb outage and short-circuit fault condition. The HS output is actively clamped during turn off of inductive loads
and inductive battery line. When driving DC motor or Solenoid loads demanding multiple switching, an external recirculation
device must be used to maintain the device in its Safe Operating Area.
5.3.3
MCU Interface and Output Control
In Normal mode, each bulb is controlled directly from the MCU through the SPI. A pulse-width modulation control module allows
improvement of lamp lifetime with bulb power regulation (PWM frequency range of 100 to 400 Hz) and addressing the dimming
application (day running light). An analog feedback output provides a current proportional to the load current or the temperature
of the board. The SPI is used to configure and to read the diagnostic status (faults) of high side outputs. The reported fault
conditions are: OpenLoad, short-circuit to battery, short-circuit to ground (overcurrent and severe short-circuit), thermal
shutdown, and under/overvoltage. Owing to accurate and configurable overcurrent detection circuitry and wire-harness
optimization, the vehicle is lighter.
In Fail-safe mode, each lamp is controlled with dedicated parallel input pins. The device is configured in Default mode.
Power Supply
10XSC425 - Functional Block Diagram
Parallel Control Inputs
MCU Interface & Output Control
SPI Interface
Self-Protected
Supply
MCU Interface & Output Control
Self-Protected High Side Switches
PWM Controller
High Side
Switches
HS0-HS3
MCU
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com