Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 19Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 20Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 21Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
10XSC425
4.3
Dynamic Electrical Characteristics
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
POWER OUTPUT TIMING HS0 TO HS3
SRR00
Output Rising Medium Slew Rate (medium speed slew rate / SR[1:0] = 00)
300
650
1200
mV/
s
SRF00
Output Falling Medium Slew Rate (medium speed slew rate / SR[1:0] = 00)
300
720
1200
mV/
s
DSR_00
Driver Output Matching Slew Rate (SRR /SRF)
•PWR = 14 V at 25 °C and for medium speed slew rate
(SR[1:0] = 00) V
0.8
0.9
1.2
SRR01
Output Rising Low Slew Rate (medium speed slew rate / SR[1:0] = 01)
150
330
600
mV/
s
SRF01
Output Falling Low Slew Rate (medium speed slew rate / SR[1:0] = 01)
150
370
600
mV/
s
SRR10
Output Rising Fast Slew Rate (medium speed slew rate / SR[1:0] = 10)
600
1250
2400
mV/
s
SRF10
Output Falling Fast Slew Rate (medium speed slew rate / SR[1:0] = 10)
600
1450
2400
mV/
s
tDLY_ON
HS[0:1] Outputs Turn-ON Delay Times
• VPWR = 14 for medium speed slew rate (SR[1:0] = 00) V
40
64
100
s
(28),(29)
tDLY_OFF
HS[0:1] Outputs Turn-OFF Delay Times
• VPWR = 14 for medium speed slew rate (SR[1:0] = 00) V
10
32
60
s
(28),(29)
tRF
HS[0:1] Driver Output Matching Time (tDLY(ON) - tDLY(OFF))
• VPWR = 14 V, fPWM = 240 Hz, PWM duty cycle = 50%, at 25 °C for
medium speed slew rate (SR[1:0] = 00)
10
32
60
s
(28),(29)
SRR00
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
200
470
800
mV/
s
SRF00
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
200
570
800
mV/
s
DSR_00
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
0.6
0.8
1.0
SRR01
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
100
230
400
mV/
s
SRF01
HS[2,3] Output Overcurrent Detection Levels (6.0 V < VHS[0:3] < 20 V)
100
300
400
mV/
s
Notes
28.
Turn ON delay time measured from rising edge of any signal (IN[0:3] and CSB) that would turn the output ON to VHS[0:3] = VPWR / 2 with
RL = 5.0  resistive load.
29.
Turn OFF delay time measured from falling edge of any signal (IN[0:3] and CSB) that would turn the output OFF to VHS[0:3] = VPWR / 2
with RL = 5.0  resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com