Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 37Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 38Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 39Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 40Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 42Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
10XSC425
Multiple messages can be transmitted in succession to accommodate those applications where daisy chaining is desirable, or to
confirm transmitted data, as long as the messages are all multiples of 16 bits. Any attempt made to latch in a message that is
not 16 bits will be ignored.
The 10XSC425 has defined registers, which are used to configure the device and to control the state of the outputs. Table 11
summarizes the SI registers.
Table 10. SI Message Bit Assignment
Bit Sig
SI Msg Bit
Message Bit Description
MSB
D15
Watchdog in: toggled to satisfy watchdog requirements.
D14
:D13
Register address bits used in some cases for output selection (Table 11).
D12
:D10
Register address bits.
D9
Not used (set to logic [0]).
LSB
D8:D0
Used to configure the inputs, outputs, and the device protection features and SO status content.
Table 11. Serial Input Address and Configuration Bit Map
SI
Register
SI Data
D15
D1
4
D1
3
D1
2
D1
1
D1
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
STATR_s WDI
N
X
X
0
0
0
0
0
0
0
0
SOA4
SOA3
SOA2
SOA1
SOA0
PWMR_s WDI
N
A1 A0 00 10 28W_s ON_s
PWM6_s PWM5_s PWM4_s
PWM3_s
PWM2_s
PWM1_s PWM0_s
CONFR0
_s
WDI
N
A1 A0 01 00
0
0
0
DIR_dis_
s
SR1_s
SR0_s
DELAY2_s DELAY1_
s
DELAY0_
s
CONFR1
_s
WDI
N
A1 A0 0 110
0
0
Retry_
unlimited_
s
Retry_dis
_s
OS_dis_s OLON_dis
_s
OLOFF_di
s_s
OLLED_e
n_s
CSNS_rati
o_s
OCR_s WDI
N
A1 A0 1 000 Xenon
_s
BC1_s
BC0_s
OC1_s
OC0_s
OCHI_s
OLCO1_s OLCO0_
s
OC_mode
_s
GCR
WDI
N
0
0
1
010
VDD_
FAIL_
en
PWM_e
n
CLOCK_s
el
TEMP_en CSNS_e
n
CSNS1
CSNS0
X
OV_dis
CALR
WDI
N
0
0
1
110
1
0
1
0
1
1
0
1
1
Register
stateafter
RSTB = 0
or
VDD(FAIL)
or
VSUPPLY(
POR)
condition
00
0
X
X
X
0
0
0
0
0
0
0
0
0
0
x=Don’t care.
s=Output selection with the bits A1A0 as defined in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com