Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 8Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
10XSC425
OUTPUTS HS0 TO HS3
RDS_01(ON)
HS[0,1] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 25 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
–
–
–
–
–
–
–
–
36
16
10
10
m
RDS_01(ON)
HS[0,1] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
–
–
–
–
–
–
–
–
62
27
17
17
m
RSD_01(ON)
HS[0,1] Output Source-to-Drain ON Resistance (IHS = -5.0 A, VPWR= -18 V)
•TA = 25 C
•TA = 150 C
–
–
–
–
15
20
m
(13)
RDS_23(ON)
HS[2,3] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 25 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
–
–
–
–
–
–
–
–
90
40
25
25
m
RDS_23(ON)
HS[2,3] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
–
–
–
–
–
–
–
–
153
68
42.5
42.5
m
RSD_23(ON)
HS[2,3] Output Source-to-Drain ON Resistance (IHS = -5.0 A, VPWR= -18 V)
•TA = 25 C
•TA = 150 C
–
–
–
–
37.5
50
m
(13)
RSHORT_01
HS[0,1] Maximum Severe Short-circuit Impedance Detection
28
67
100
m
(14)
RSHORT_23
HS[2,3] Maximum Severe Short-circuit Impedance Detection
70
160
200
m
(14)
IOFF
HS[0-3] Output Leakage Current in Off-state
• in sleep mode
• in normal mode (OS_dis = 1 and OLOFF_dis = 1)
–
–
–
–
5.0
30
A
Notes
13.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
14.
Short-circuit impedance calculated from HS[0:3] to GND pins. Value guaranteed per design.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com