Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 39Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 40Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 41Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 42Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 43Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 44Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 45Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 46Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
10XSC425
6.4.2.4
Address A1A0011—Output Configuration Register (CONFR1_s)
The CONFR1_s register allows the MCU to configure corresponding output fault management through the SPI. Each output “s”
is independently selected for configuration, based on the state of the D14:D13 bits (Table 12).
A logic [1] on bit D6 (RETRY_unlimited_s) disables the autoretry counter for the selected output, the default value [1] corresponds
to enable auto-retry feature without time limitation.
A logic [1] on bit D5 (RETRY_dis_s) disables the auto-retry for the selected output, the default value [0] corresponds to enable
this feature.
A logic [1] on bit D4 (OS_dis_s) disables the output hard shorted to VPWR protection for the selected output, the default value [0]
corresponds to enable this feature.
A logic [1] on bit D3 (OLON_dis_s) disables the ON output OpenLoad detection for the selected output, the default value [0]
corresponds to enable this feature (Table 14).
A logic [1] on bit D2 (OLOFF_dis_s) disables the OFF output OpenLoad detection for the selected output, the default value [0]
corresponds to enable this feature.
A logic [1] on bit D1 (OLLED_en_s) enables the ON output OpenLoad detection for LEDs for the selected output, the default value
[0] corresponds to ON output OpenLoad detection is set for bulbs (Table 14).
A logic [1] on bit D0 (CSNS_ratio_s) selects the high ratio on the CSNS pin for the corresponding output. The default value [0] is
the low ratio (Table 15).
6.4.2.4.1
Address A1A0100—Output Overcurrent Register (OCR)
The OCR_s register allows the MCU to configure corresponding output overcurrent protection through the SPI. Each output “s”
is independently selected for configuration based on the state of the D14:D13 bits (Table 12).
A logic [1] on bit D8 (Xenon_s) disables enables the Xenon 55 W or 28 W bulb overcurrent profile, as described Figure 14.
Table 14. ON OpenLoad Selection
OLON_dis_s (D3)
OLLED_en_s
(D1)
ON OpenLoad detection
0
0
enable with bulb
threshold (default)
0
1
enable with LED
threshold
1
X
disable
Table 15. Current Sense Ratio Selection
CSNS_high_s (D0)
Current Sense Ratio
0
CRS0 (default)
1
CRS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com