Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 17Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
10XSC425
OUTPUTS HS0 TO HS3 (CONTINUED)
CSR0_0_ACC
(CAL)
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
•IHS[0:1] = 5.0 A
-5.0
–
5.0
%
(16)
(CSR0_0)/
(T)
HS[0,1] CSR0 Current Recopy Temperature Drift (6.0 V < VHS[0:1] < 20 V) 
with 28W bit = 0
•IHS[0:1] =5.0 A
–
–
0.04
%/
C
(17)
CSR0_1_ACC HS[0,1] Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS[0:1 < 20 V) 
with 28W bit = 1
At 25
C and 125 C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
At -40
C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-22
-25
-30
-35
–
–
–
–
22
25
30
35
%
CSR0_1_ACC
(CAL)
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
•IHS[0:1] = 3.0 A
-5.0
–
5.0
%
(16)
CSR1_0_ACC HS[0,1] Current Sense Ratio (CSR1) Accuracy (6.0 V < VHS[0:1] < 20 V) 
with 28W bit = 0
At 25
C and 125 C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75A
At -40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
-20
-18
-30
-25
–
–
–
–
20
18
30
25
%
CSR1_0_ACC
(CAL)
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
•IHS[0:1] = 12.5 A
-5.0
–
5.0
%
(16)
CSR1_1_ACC HS[0,1] Current Sense Ratio (CSR1) Accuracy (6.0 V < VHS[0:1] < 20 V) 
with 28W bit = 1
At 25
C and 125 C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 37.5 A
at -40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 37.5 A
-22
-20
-27
-25
–
–
–
–
22
20
27
25
%
CSR1_1_ACC
(CAL)
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
•IHS[0:1] = 12.5 A
-5.0
–
5.0
%
(16)
Notes
16.
Based on statistical analysis. It is not production tested.
17.
Based on statistical data: delta (CSR0)/delta (T) = {(measured ICSNS at T1 - measured ICSNS at T2) / measured ICSNS at room} / {T1-T2}.
Not production tested.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com