Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10XSC425 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 10XSC425
Description  Quad High Side Switch
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XSC425 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 10XSC425 Datasheet HTML 24Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 25Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 26Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 27Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 28Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 29Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 30Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 31Page - Freescale Semiconductor, Inc 10XSC425 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
10XSC425
5
Functional Description
5.1
Introduction
The 10XSC425 is one in a family of devices designed for low-voltage lighting applications. Its four low RDS(ON) MOSFETs (dual
10 m
, dual 25 m) can control four separate 55 W / 28 W bulbs and/or Xenon modules.
Programming, control, and diagnostics are accomplished using a 16-bit SPI interface. Its output with selectable slew rate
improves electromagnetic compatibility (EMC) behavior. Additionally, each output has its own parallel input or SPI control for
pulse-width modulation (PWM) control if desired. The 10XSC425 allows the user to program via the SPI the fault current trip
levels and duration of acceptable lamp inrush. The device has Fail-safe mode to provide Fail-safe functionality of the outputs in
case of MCU damaged.
5.2
Functional Pin Description
5.2.1
Output Current Monitoring (CSNS)
The current sense pin provides a current proportional to the designated HS0:HS3 output or a voltage proportional to the
temperature on the GND flag. That current is fed into a ground-referenced resistor (3.3 k
, typical) and its voltage is monitored
by an MCU's A/D. The output type is selected via the SPI. This pin can be tri-stated through the SPI.
5.2.2
Direct Inputs (IN0, IN1, IN2, IN3)
Each IN input wakes the device. The IN0:IN3 high side input pins are also used to directly control HS0:HS3 high side output
pins. If the outputs are controlled by the PWM module, the external PWM clock is applied to the IN0 pin. These pins are to be
driven with CMOS levels, and they have a passive internal pull-down, RDWN.
5.2.3
Fault Status (FSB)
This pin is an open drain configured output requiring an external pull-up resistor to VDD for fault reporting. If a device fault
condition is detected, this pin is active LOW. Specific device diagnostics and faults are reported via the SPI SO pin.
5.2.4
WAKE
The wake input wakes the device. An internal clamp protects this pin from high damaging voltages with a series resistor (10 k

typ). This input has a passive internal pull-down, RDWN.
5.2.5
Reset (RSTB)
The reset input wakes the device. This is used to initialize the device configuration and fault registers, as well as drive the device
into a low-current Sleep mode. The pin also starts the watchdog timer when transitioning from logic [0] to logic [1]. This pin has
a passive internal pull-down, RDWN.
5.2.6
Chip Select (CSB)
The CSB pin enables communication with the master microcontroller (MCU). When this pin is in a logic [0] state, the device is
capable of transferring information to, and receiving information from, the MCU. The 10XSC425 latches in data from the Input
Shift registers to the addressed registers on the rising edge of CSB. The device transfers status information from the power output
to the Shift register on the falling edge of CSB. The SO output driver is enabled when CSB is a logic [0]. CSB should transition
from a logic [1] to a logic [0] state only when SCLK is a logic [0]. CSB has an active internal pull-up from VDD, IUP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com