Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 15Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 16Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 17Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 18Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 19Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 20Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 21Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 22Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 108 page
background image
www.andersonpower.com - 17 -
All Data Subject To Change Without Notice
| POWERPOLE FAMILY SELECTION GUIDE |
Actual Size - Connector Half
............................... Powerpole® Housings ...............................
PP15/45
PP75
PP120
PP180
Powerpole® Size PP15 to 45 Page #
PP75
Page #
PP120
Page #
PP180
Page #
Connector Types
Standard
20
Standard
30
Standard
36
Standard
39
Finger Proof
20
Locking
31
Busbar
40
PCB
21
Busbar
31
Power Pak
21
PCB
31
Ground
23
Amps (UL) Per Pole
0 to 55
120
240
350
Volts (UL) Per Pole
600
600
600
600
Wire Gauge (AWG)
20 - 10
16 - 6
6 - 1/0
10 - 3/0
Wire Gauge (mm²)
0.05 - 6.0
1.3 - 13.3
13.3 - 53.5
5.3 - 85.0
Number of
Power Circuits
1 / Stackable
1 / Stackable
1 / Stackable
1 / Stackable
Ground
●
PCB Mount
●
●
Busbar
●
●
Panel Mount
●
●
●
●
Blind Mate
Hot Plug
●
●
●
●
Touch Safe
●
Polarized Housing
●
●
●
●
Latching
Strain Relief
Powerpole® Pak
Powerpole® Pak
Powerpole® Pak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com