Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 108 page
background image
www.andersonpower.com - 85 -
All Data Subject To Change Without Notice
Powerpole® Auxiliary
Powerpole® auxiliary connectors are rated up to 30 amps 600 volts and can be
used for auxiliary power, control or sensing. The auxiliary kit includes (1) each
black and red Standard Powerpole® housing, (2) contacts, (2) zip cable straps,
and (2) retaining pins. (1) Retaining clip can be
Substituted for (2) retaining pins.
Description
----------- Part Numbers -----------
Minimum Quantity .............
200
100
25 ...
Powerpole® Auxiliary Kit
-
111822G1 6344
Black Powerpole® Housing 1327G6
-
-
Red Powerpole® Housing
1327
-
-
#16 to #12 Contact
1331
-
-
1x4 Auxiliary Connector
APP®’s unique 1x4 auxiliary connector allows up to 4 auxiliary circuits up to 20 amps
150 volts each in SBE®, SBO®, & SBX® housings. The genderless design holds two
each of the gold plated pin & socket contacts. This innovation allows the very durable
and cost effective design of SBE®, O, X connectors to substitute for DIN 43589-1
applications where 4 auxiliary contacts are required. Multiple pin lengths allow the
further benefit of sequencing between circuits. (2) Retaining pins or (1) Retaining clip
is required to hold the auxiliary housing in place. Auxiliary Kits include (1) Auxiliary
Housing, (2) Standard Length Pin Contacts, (2) Socket Contacts, (2) Retaining Pins
and (1) Retaining Clip.
Description
AWG
mm²
---------- Part Numbers ---------
Minimum Quantity ....................................................
1,000
250
25 ...
1x4 Auxiliary Kit
12
4
-
-
441G1
1x4 Auxiliary Kit
16 to 14
1.5 to 2.5
-
-
441G2
1x4 Auxiliary Kit
20 to 16
0.5 to 1.5
-
-
441G3
1x4 Auxiliary Housing Contacts Sold Separately
3-5956P1 444G1
-
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Pre-Mate 8.5mm
12
2.5
PM16P12B30
PM16P12B30-50
16 to 14
1.0 to 1.5
PM16P1416B30
PM16P1416B30-50
20 to 16
0.75 to 1.0
PM16P1620B30
PM16P1620B30-50
24 to 20
0.50 to 0.75
PM16P2024B30
PM16P2024B30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
[ 8.4 ]
0.33
[ 10.9 ]
0.43
[ 3.8 ]
0.15
[ 41.3 ]
1.62
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Pre-mate 8.5mm
0.80 20.4
0.33 8.5
Post-Mate 6.6mm
0.72 18.3
0.25 6.4
Socket
Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com