Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 74Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 77Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 108 page
background image
www.andersonpower.com
- 72 -
All Data Subject To Change Without Notice
| SB®350 CONNECTOR SPECIFICATIONS |
SB®350 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
Dimensions
Mating
- A -
- B -
AWG
mm²
Force
- Loose Piece Part Numbers - inches mm
inches mm
Minimum Quantity ..............
200
150
50
...................................................
300mcm 152
High
-
910-BK 910
0.75
19.05
0.87
22.10
4/0
107.2
High
908-BK
-
908
0.64
16.26
0.75
19.05
3/0
85
High
916-BK
-
916
0.58
14.73
0.70
17.78
2/0
67.4
High
907-BK
-
907
0.49
12.45
0.64
16.26
1/0
53.5
High
917-BK
-
917
0.44
11.18
0.51
12.95
SB®350 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or output busbar
connection. Busbar contacts are for mating with wire contacts only. Part number 350BBS
includes lock nuts. Locknuts must be ordered separately for B01998P1.
Mating
Type
Thread
Force
- Loose Piece Part Numbers -
Minimum Quantity ....................
50
10
.............
Busbar
1/4-20
High
B01998P1 350BBS
Lock Nut
1/4-20
-
H1216P9
110G73
Mechanical
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
1/0 to 300 mcm 53.5 to 152
Max. Wire Insulation Diameter
in.
mm
1.100
27.900
Operating Temperature²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire and Busbar Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
2 Pole
30
133
Min. Contact / Spring Retention Force
lbf
150
N
667
Electrical
Current Rating Amperes¹
UL 1977
CSA
Wire to Wire (4/0 AWG)
450
350
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
2 1/2” of 300mcm wire
0.050
Hot Plug Current Rating Amperes - Wire & Busbar
250 cycles at 120V DC
100A
Materials
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Wire & Busbar Contacts
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
Wire Contacts
Wrench / Socket
Busbar Contacts
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended
tooling, and a 25°C ambient temperature. UL rating not to exceed the maximum operating
temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our
connectors along with UL and CSA recognition.
Protection
Touch Safety with Wire Contacts
IEC 60529
IP10
[ 20.6 ]
0.81
B
A
[ 75.1 ]
2.96
[ 32.8 ]
1.29
See Busbar contact drawing on
website for further detail.
B
[ 22.3 ]
0.88
[ 2.5 ]
0.10
[ 131.7 ]
5.19
[ 17.0 ]
0.67
# 3/8 - 16 THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com