Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 62Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
www.andersonpower.com
- 64 -
All Data Subject To Change Without Notice
Electrical
Current Rating Amperes¹
UL 1977 CSA
Wire to Wire (1 AWG)
240
130
Wire to Busbar (2 AWG)
120
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
5 1/2” of #2 AWG wire
0.136
Hot Plug Current Rating Amperes - Wire & Busbar
250 cycles at 120V DC
60A
Mechanical
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
10 - 1
5.3 - 42.4
Max. Wire Insulation Diameter
in.
mm
0.600
15.240
Operating Temperature²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant*
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire and Busbar Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
Wire to Wire
20
89
Min. Contact / Spring Retention Force
lbf
75
N
333.6
| SB®120 CONNECTOR SPECIFICATIONS |
Materials
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Wire & Busbar Contacts
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp³
Wire Contacts
Hand Solder
Wire Contacts
Wrench / Socket
Busbar Contacts Only
¹ Based on: 105°C rated or better cable of the largest size, Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to exceed
the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
Protection
Touch Safety with Wire Contacts
IEC 60529
IP10
| SB®120 CONNECTOR TEMPERATURE CHARTS |
1 AWG
2 AWG
4 AWG
6 AWG
Amperes Applied
25
50
75
100
125
SB®120
Derating vs. Ambient Temperature
0 25 50 75 100 125 150 175 200 225 250
0
10
20
30
40
50
60
0 25 50 75 100 125 150 175 200 225
1 AWG
2 AWG
4 AWG
6 AWG
Amperes Applied
SB®120
Temperature Rise at Constant Current
NOTE: Temperature rise charts are based on a 25°C ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com