Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 49Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 50Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 51Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 52Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 53Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 54Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 55Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 56Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
www.andersonpower.com - 51 -
All Data Subject To Change Without Notice
SBS® Silver Plated Primary Power Wire Contacts
Use two silver plated contacts per housing for the best electrical performance
and durability up to 10,000 mating cycles. Standard contacts are for use in all
primary power positions for SBS® 50, 75X, & 75G wire housings.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
1,000
100
...................
Standard 6
16
1339G2-BK
1339G2
0.22
5.59
Standard 8
10
1339G5-BK
1339G5
0.19
4.83
Standard 12 to 10
4 to 6
1339G3-BK
1339G3
0.14
3.56
SBS®75G Silver Plated Pre-Mate Wire Contacts
Pre-Mate contacts are for the center Pre-Mate position on the SBS®75G wire housings.
Dimensions
Loose Piece
- A -
Type
AWG
mm²
------ Part Numbers ------ inches mm
Minimum Quantity ..................
500
50
.....................
Pre-Mate 6
16
1340G1-BK
1340G1
0.22
5.59
Pre-Mate 8
10
1340G2-BK
1340G2
0.19
4.83
Pre-Mate 12 to 10
4 to 6
1340G3-BK
1340G3
0.14
3.56
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Pre-Mate 8.5mm
12
2.5
PM16P12B30
PM16P12B30-50
16 to 14
1.0 to 1.5
PM16P1416B30
PM16P1416B30-50
20 to 16
0.75 to 1.0
PM16P1620B30
PM16P1620B30-50
24 to 20
0.50 to 0.75
PM16P2024B30
PM16P2024B30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for 1x4 Auxiliary Connector
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
-------------------- Part Numbers -------------------
Minimum Quantity ..................................
500
50
.............
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 39.4 ]
1.55
A
[ 7.6 ]
0.30
[ 7.6 ]
0.30
[ 7.3 ]
Ø 0.29
[ 12.4 ]
0.49
[ 41.9 1.5 ]
1.65 0.06
+-
+-
A
Ground Indicator
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Pre-mate 8.5mm
0.80 20.4
0.33 8.5
Post-Mate 6.6mm
0.72 18.3
0.25 6.4
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge in.
mm.
#24 / 20
0.04 1.1
#20 / 16
0.07 1.7
#16 / 14
0.08 2.1
#12
0.10 2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com