Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 9Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 10Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 11Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
www.andersonpower.com
- 6 -
All Data Subject To Change Without Notice
| Different Contact Technologies |
Flat Wiping:
• Same contacts on the “male” and “female” side reduce inventory costs and increase ease of assembly.
• Low resistance connection has a large conducting surface and a high normal force in comparison to typical pin
and socket contacts.
• Sacrificial tip confines damage to non-conducting area when mating or breaking under load.
• Raised surface on the mating side of the contacts secures the connector in the mated condition, limiting the
need for latching on outer housings.
• Over wiping design cleans the mating surface when mating and unmating.
Pin & Socket:
• Different contacts on male and female sides. Female socket contacts are typically more expensive than the
simple geometries of the pin contacts.
• Often higher resistance than flat wiping connectors of the same wire size and plating due to the reduced mating
surface area and lower normal force. Gold plating often used to compensate and minimize resistance.
• Best for compact connection needs such as signal and low power due to static position in housings and
symmetrical shape.
• Socket contacts can catch and hold debris inside the socket body causing mating problems.
| Use of APP® Connectors in Applications Exceeding 600V |
The approved voltage ratings for APP® connectors are usually limited by the category under which a safety agency
such as UL approves our connector for use. UL typically defers to National Electric Code (NEC) on the voltage limitations
for any given device our connector could be used in. For most common applications NEC restricts voltage to a maximum
of 600V AC or DC which is what our connector voltage ratings are based on.
To achieve UL 1977 approval for a 600V rating, we test our connectors for dielectric withstanding voltage. The connector
is tested at 2 times the rated voltage of 600V plus 1000V or 2200VAC for 1 minute. For applications exceeding 600V,
UL / NEC / IEC may require application specific review for creepage and clearance resistance.
| Frequently Asked Questions |
Q: Can I cross mate low and high mating force contacts?
A: Yes, however this would not be a connection solution we have tested for safety agency approval. Additionally the
contacts may wear at an accelerated rate causing the mating cycle rating to be reduced. The mating and unmating
force expected would be somewhere in between the high and low mating force specification.
Q: Can I crimp multiple wires into 1 crimp barrel?
A: Yes, however this would not be a connection solution we have tested for safety agency approval. Particular care
should be used that the bundle of wires do not interfere with the movement of the contact in the housing during mating
and unmating (see maximum wire O.D. specification). The total circular mils of all conductor stands should be within
+ or – 5% of the wire size the contact is intended for. Twist the conductor strands together and crimp using APP®
tooling with range taking capabilities such as the 1368 series. To crimp with other APP® recommended tools, contact
customer service for the recommended setting or die and locator combination.
Solid line
of electrical
contact.
Flat Wiping Technology
Pin & Socket Technology
Select points of
electrical contact.
- VS -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com