Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 74Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
www.andersonpower.com - 69 -
All Data Subject To Change Without Notice
| SB® 175 Accessories |
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Only Bolt On type clamps can be used with the handles. Cable
clamps are recommended for solder terminated wires. Not for use with 3 pole housing.
Cable Size
Max / Min In. Max / Min mm
Description
Inches O.D.
mm O.D.
---- Part Numbers ----
Minimum Quantity ...................................................................................
100
50 ....
Self Attaching for Discrete Conductor 0.55 to 0.24
14 to 6
105G3
945
Bolt On for Discrete Conductor
0.66 to 0.24
16.7 to 6.2
945G3-BK
945G3
Bolt On for Bundled Conductor
0.75 to 0.29
18.3 to 7.3
946G1-BK
946G1
Handles
Handles are made out of durable PC plastic. Hardware to
attach to connector body included in kits. Not for use with
3 pole housing.
Description
----- Part Numbers -----
Minimum Quantity ....
100
25 ...
Gray Handle Kit
995G1-APP
995G1
Red Handle Kit
995G3-APP
995G3
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black 3-5074P5
-
Hardware Bag
-
105G8
Dust Cover
Prevents dust and dirt from entering the mating interface
of the connector when unmated. NOTE: Not a Hermetic Seal.
Not for use with 3 pole housing.
Description
----- Part Numbers ----
Minimum Quantity .............................
500
50 ...
Dust Cover with Lanyard Strap, Red 113890P2 134G2
SB®175 Lockout
Works with standard lockout - tagout equipment to prevent access
to the mating interface of the connector. Made from durable PC plastic.
Can be used with 3 pole housing to lockout positive and negative
positions only.
Description
--------- Part Numbers ---------
Minimum Quantity ..........
50
25
.......
Red Lockout - Tagout Kit GA-175 SB175-LOCKOUT
945
Slide cover over
mating end.
995G1
945G3
(not included).
"A" Frame Handle
946G1
"A" Frame Handle
(not included).
SB®175 Connector
not included.
The given wire O.D. information is an
estimate. Cable clamps should be
evaluated for performance with the
actual wire to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com