Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 78Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 79Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 80Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 81Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 82Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 83Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 84Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
www.andersonpower.com
- 80 -
All Data Subject To Change Without Notice
[ 8.4 ]
0.33
[ 10.9 ]
0.43
[ 3.8 ]
0.15
[ 41.3 ]
1.62
[ 1.60 ]
Ø 0.06
ID
Retention Clip
L1
L
Auxiliary Pin
- L -
- L1 -
Contact Lengths
in.
mm
in.
mm
Standard Length 7.7mm 0.77 19.6
0.30 7.7
Pre-Mate 9.3mm
0.83 21.2
0.37 9.3
Pre-mate 8.5mm
0.80 20.4
0.33 8.5
Post-Mate 6.6mm
0.72 18.3
0.25 6.4
Socket
Insert
[ 19.6 ]
0.77
[ 2.6 ]
0.10
Retention
Clip
ID
Auxiliary Socket Contacts
Crimp Barrel ID
Wire Gauge in.
mm.
#24 / 20
0.04 1.1
#20 / 16
0.07 1.7
#16 / 14
0.08 2.1
#12
0.10 2.6
1x4 Auxiliary Connector
APP®’s unique 1x4 auxiliary connector allows up to 4 auxiliary circuits up to 20 amps 200 volts
each in SBE®, SBO®, & SBX® housings. The genderless design holds two each of the gold plated
pin & socket contacts. This innovation allows the very durable and cost effective design
of SBE®,O,X connectors to substitute for DIN 43589-1 applications where 4 auxiliary contacts
are required. Multiple pin lengths allow the further benefit of sequencing between circuits.
(2) Retaining pins are required to hold the auxiliary housing in place. Auxiliary Kits include
(1) Auxiliary Housing, (2) Standard Length Pin Contacts, and (2) Socket Contacts,
(2) Retaining Pins and (1) Retaining Clip.
Description
AWG
mm²
---------------- Part Numbers ----------------
Minimum Quantity ............................................
1,000
250
25 ...
1x4 Auxiliary Kit
12
4
-
-
441G1
1x4 Auxiliary Kit
16 to 14
1.5 to 2.5
-
-
441G2
1x4 Auxiliary Kit
20 to 16
0.5 to 1.5
-
-
441G3
1x4 Auxiliary Housing Contacts Sold Separately 3-5956P1
444G1
-
Pin Contacts for 1x4 Auxiliary Connector
Gold plated contacts are available in 4 lengths to allow sequencing of circuits.
Description
AWG
mm²
----------------- Part Numbers ----------------
Minimum Quantity ....................................................
500
50
...........
Standard Length 7.7mm 12
2.5
PM16P12S30
PM16P12S30-50
16 to 14
1.0 to 1.5
PM16P1416S30
PM16P1416S30-50
20 to 16
0.75 to 1.0
PM16P1620S30
PM16P1620S30-50
24 to 20
0.50 to 0.75
PM16P2024S30
PM16P2024S30-50
Pre-Mate 9.3mm
12
2.5
PM16P12A30
PM16P12A30-50
16 to 14
1.0 to 1.5
PM16P1416A30
PM16P1416A30-50
20 to 16
0.75 to 1.0
PM16P1620A30
PM16P1620A30-50
24 to 20
0.50 to 0.75
PM16P2024A30
PM16P2024A30-50
Pre-Mate 8.5mm
12
2.5
PM16P12B30
PM16P12B30-50
16 to 14
1.0 to 1.5
PM16P1416B30
PM16P1416B30-50
20 to 16
0.75 to 1.0
PM16P1620B30
PM16P1620B30-50
24 to 20
0.50 to 0.75
PM16P2024B30
PM16P2024B30-50
Post-Mate 6.4mm
12
2.5
PM16P12C30
PM16P12C30-50
16 to 14
1.0 to 1.5
PM16P1416C30
PM16P1416C30-50
20 to 16
0.75 to 1.0
PM16P1620C30
PM16P1620C30-50
24 to 20
0.50 to 0.75
PM16P2024C30
PM16P2024C30-50
Socket Contacts for 1x4 Auxiliary Connector
Selectively gold plated contacts offer low resistance and durability up to 10,000 mating cycles.
Description
AWG
mm²
-------------------- Part Numbers -------------------
Minimum Quantity ..................................
500
50
.............
Socket Contact 12
2.5
PM16S12S32
PM16S12S32-50
16 to 14 1.0 to 1.5
PM16S1416S32 PM16S1416S32-50
20 to 16 0.75 to 1.0
PM16S1620S32 PM16S1620S32-50
24 to 20 0.50 to 0.75 PM16S2024S32 PM16S2024S32-50
PPMX Auxiliary Connector
The PPMX auxiliary connector allows up to 8 auxiliary circuits to be used in the SBE®, SBO®, & SBX®
housings. There are 4 auxiliary circuits per PPMX connector and two PPMX housings fit into the
auxiliary port in the main connector housing. Rated up to 7 amps 300 volts per contact, the
genderless design holds two each gold plated pin & socket contacts. This innovation allows the very
durable and cost effective equipment design of SBE®, O, X connectors to be used for applications
requiring up to 8 battery monitoring or vehicle communication circuits. (2) Retaining pins or
(1) Retaining clip is required to hold the auxiliary housing in place.
Auxiliary Kits include (1) Auxiliary Housing, (2) Pin Contacts, and (2) Socket Contacts.
Description
AWG
mm²
------------- Part Numbers -------------
Minimum Quantity .................................................
1,000
100
25 .....
PPMX Auxiliary Kit
24 to 20 0.50 to 0.25
-
4850G6
-
1x4 Auxiliary Housing Contacts Sold Separately 4827G6-BK
-
4827G6
Socket
Locations
4803G3
4802G3
4827G6
Socket Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com