Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 74Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 75Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 108 page
background image
www.andersonpower.com
- 70 -
All Data Subject To Change Without Notice
Manual Release Bracket - Mounting Side
Works with the Locking Side to ease mating and unmating connectors.
Not for use with 3 pole housing.
Description
-------- Part Numbers --------
Minimum Quantity ............
96
25
10 ...
Bracket and Hardware Kit
-
-
924
Bracket Only
B00333P1
-
-
Hardware Bag
-
105G1
-
Manual Release Bracket - Locking Side
Works with the Mounting Side to ease mating and unmating
connectors. Not for use with 3 pole housing.
Cable Size
Max / Min
Max / Min
Description
Inches O.D.
mm O.D.
- Part Number -
Minimum Quantity .............................................................................
10 .........
Bracket and Hardware Kit w/ Clamp
0.50 to 0.21
12.6 to 5.4
923
Reducing Bushings: for Use with Contact # 1382
Use with contact part number 1382-BK to allow a smaller wire to be used with the connector. Electrical capability
is derated with smaller wire.
Dimensions
- ID -
Contact Barrel Size
Wire Size
----------------- Part Numbers ------------------ inches mm
Minimum Quantity ....................................................... 1,500
1,000
500
100
......................
1/0 AWG [53.5 mm²]
#1 AWG [42.4 mm²]
-
-
5687-BK 5687
0.39
9.91
1/0 AWG [53.5 mm²]
#2 AWG [33.6 mm²]
5690-BK
-
-
5690
0.34
8.64
1/0 AWG [53.5 mm²]
#4 AWG [21.2 mm²]
-
5693-BK
-
5693
0.27
6.86
1/0 AWG [53.5 mm²]
#6 AWG [13.3 mm²]
-
5663-BK
-
5663
0.22
5.59
1/0 AWG [53.5 mm²]
#10 - 8 AWG [5.3 - 8.4 mm²]
5648-BK
-
-
5648
0.19
4.83
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
ID
Wire Entrance
[ 25.4 ]
1.00
Mounting Plate
Handle
Locking Plate
Cable Clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com