Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 60Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 61Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 62Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
www.andersonpower.com
- 62 -
All Data Subject To Change Without Notice
| SB®120 ORDERING INFORMATION |
SB120® Connectors
- up to 240 Amps
SB®120 Standard Housings
The second to smallest SB® housings work with wire
contacts up to 1 AWG [35 mm²] as well as busbar
contacts. Genderless design mates with itself.
Mechanical keys are color coded.
Voltage
Color
Description
Code
----- Part Numbers -----
Minimum Quantity ......
250
50 ....
Red
24V
6810G3-BK
6810G3
Gray
36V
6810G1-BK
6810G1
Blue
48V
6810G2-BK
6810G2
SB®120 Chemical Resistant (CR) Housings
Same features as the Standard SB®120 but molded in a chemical
resistant PBT/ PC blend. Suitable for use to -40°C.
Voltage
Color
Description
Code
------- Part Numbers -------
Minimum Quantity ......
250
50 .....
Red
24V
P6810G3-BK P6810G3
Gray
36V
P6810G1-BK P6810G1
Bottom View
Mated Length
[ 104.6 ]
4.12
[ 20.6 ]
0.81
Material ID
P = Chemical Resistant
[ 63.5 ]
2.50
[ 37.6 ]
1.48
[ 2.5 ]
0.10
[ 19.1 ]
0.75
[ 8.6 ]
0.34
[ 46.4 ]
1.83
[ 5.1 ]
Ø 0.20
(2) PLC’S
Like the other Multipole connectors, the SB®120 offers
color-coded mechanically keyed housings. Keys can be
used to identify and separate different circuits, or prevent
users from accidentally cross mating different voltages.
Wires sizes from #10 (5.3 mm²) to #1 (42.4 mm²) are held
in the second smallest SB® housing.
• New extended range contacts expand wire size up
to #1 AWG (42.4 mm²)
Allows UL rated currents up to 240 amps
• Chemical resistant housing option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Panel mounting grooves
With use of mounting clamps, can be easily mounted through panels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com