Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 22Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 23Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 24Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 25Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 26Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 27Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 28Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 29Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
www.andersonpower.com
- 24 -
All Data Subject To Change Without Notice
Snap-in Receptacle Shell
Mate to plug shells without latches, or mate to another panel mount receptacle to create a bulkhead to
bulkhead connection. For use with Powerpole® wire or PCB connectors. Order the number of retaining pins for
each receptacle as shown below separately.
Number of
Dimensions
Knock Out Size
Retaining Pins
- E -
- Width -
Description
---------------- Part Numbers ---------------- to Order
inches mm
inches mm
Minimum Quantity ... 1,000
500
25
...............................................................................
Black, 2-4 Poles
1470G1-BK
-
1470G1 1
1.50
38.10 1.25
31.75
Black, 5-6 Poles
-
1470G2-BK 1470G2 2
1.88
47.75 1.62
41.15
Black, 7-8 Poles
-
1470G3-BK 1470G3 3
2.13
54.10 1.88
47.75
Black, 9-10 Poles
-
1470G4-BK 1470G4 4
2.44
61.98 2.19
55.63
* Height = [25.4 mm] 1.0 in.
Cable Clamp & Hardware Pak
Includes cable clamp, 2 screws, and required amount of retaining pins for each configuration.
Screw Head
Cable
Description
Type
Type
------------ Part Numbers ------------
Minimum Quantity ....................................
1,000
500
25 ...
2-4 Poles
Straight Slot
Bundled
115G1-BK
-
115G1
5-6 Poles
Straight Slot
Bundled
115G2-BK
-
115G2
7-8 Poles
Straight Slot
Bundled
115G3-BK
-
115G3
9-10 Poles
Straight Slot
Bundled
-
115G4-BK 115G4
2-4 Poles
Philips
Bundled
115G7-BK
-
115G7
5-6 Poles
Philips
Bundled
115G8-BK
-
115G8
Flexible Conduit Clamp & Hardware Pak
Includes cable clamp, 2 screws, and need amount of retaining pins for each configuration.
Description
Part Number
Minimum Quantity ...... 100 ......
2-4 Poles
110G10
Retaining Pin for Snap-in Receptacle
Order the number of retaining pins for each receptacle shown in the Snap-in Receptacle
Shell ordering information. Pins are also required for the plug side when the Cable Clamp &
Hardware Pak is not ordered.
Description
------ Part Number -------
Minimum Quantity ...... 1,000
100 ....
Retaining Pin
110G9-BK 110G9
Retaining Pin
[ 27.94 ]
1.10
[ 1.78 ]
0.07
[ 19.56 ]
0.77
E
Shell and housing are sold separately.
Plug Shell Without Latch Shown
Plug Shell With Latch Shown
Shell, housing and contacts
are sold separately.
Shell, housing and contacts
are sold separately.
Retaining Pin
Conduit Clamp
With Screws
NOTE: Retaining pins are used to secure and position
Powerpoles® in one of two positions in receptacle shells.
Retaining Pin
Cable Clamp
With Screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com