Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 43Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 44Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 45Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 46Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 47Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 48Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 49Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 108 page
background image
www.andersonpower.com
- 44 -
All Data Subject To Change Without Notice
Overview of SBS®, SB® & SBX® / SBO®
- Main Differentiating Features
SBS®: The “Storage Battery Safety” connector provides
a compact connection with a touch safe interface. The
newest series of the Multipole connector continues to add
new features and capabilities.
SB®: Based on the original “Storage Battery” connector that
pioneered flat wiping contact technology over a half century
ago. Two to three positions in a genderless mechanically-keyed
housing are suitable for a wide array of power connection
applications.
SBX®: The addition of auxiliary positions to the SB® created
the “Storage Battery Auxiliary” connector. Up to 8 auxiliary
positions allow expanded capabilities for the Multipole family
by allowing intelligent power switching, monitoring of battery
charge status, and other signal functions to be integrated
into a single connector.
SBE®: By modifying the SBX® housing the “Storage Battery
European” connector was created. The SBE® housings are
molded from a chemical resistant PBT resin and the SBE®320
features improved touch safety over the SBX®350 design.
SBO®: Designed to meet the needs of connecting office
equipment, the “Storage Battery Office” connector is molded
out of durable PC like the original SB® but incorporates the
auxiliary positions of the SBX® in a housing similar to the
SBE®80.
Auxiliary or Ground Positions
For signal transmission or the
added safety of a premate
ground
Compact Power to Size Ratio
Maximizes valuable PCB edge
real estate with a compact high
power design
Keyed & Color Coded Housings
Prevents accidental cross mating
of circuits
Genderless Housings
Provide simplified assembly and
minimize the number of components
Low Resistance Connection
Silver or tin plated contacts
inside housings that strongly
force the contacts together
Self Securing Design
Stainless steel springs create a
robust force between the contacts
that holds the connector in the
mated condition
Hot Plugging AC or DC
Contacts feature a sacrificial tip that
allow high current circuit interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com