Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75LOKWHT Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 59Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 60Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 61Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 62Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 63Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 64Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
www.andersonpower.com - 61 -
All Data Subject To Change Without Notice
Guide Housings for Vertical Mini Powerclaw Contacts
Prevents polarity being reversed when a SB®50 is mated
to vertical mini Powerclaw contacts.
Description
------------ Part Numbers -----------
Minimum Quantity ....
1,000
50 ......
Black Guide Housing PC-HSG-SB-BK
PC-HSG-SB
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging
wire or contacts from the housing. Cable clamps are recommended for solder terminated wires.
Cable Size
AWG or
mm² or
Description
(Inches O.D.)
(mm O.D.)
---- Part Numbers ----
Minimum Quantity ...........................................................................................
500
50 ...
Self Attaching for Discrete Conductor
8 to 6
10
990-BK
990
Self Attaching for Discrete Conductor
12 to 10
4 to 6
990G2-BK
990G2
Bolt on for Discrete Conductor
12 to 6
4 to 10
990G1-BK
990G1
Bolt on for Bundled Conductor
(0.320 to 0.450)
(4.27 to 11.43)
5905-BK
5905
Reducing Bushings
Use with contact part number 5900-BK or 1307-BK to allow a smaller wire to be used with the connector.
Electrical capability is derated with smaller wire.
Dimensions
- ID -
- Length -
Contact Barrel Size
Wire Size
-------- Part Numbers --------
inches mm inches mm
Minimum Quantity ......................................................
3,000
1,000
100 ...................................................
#6 AWG [13.3 mm²]
#8 AWG [8.4 mm²]
-
5912-BK 5912 0.18
4.57 0.45
11.43
#6 AWG [13.3 mm²]
#12- 10 AWG [3.3- 5.3 mm²]
5910-BK
-
5910 0.14
3.56 0.47
11.94
#6 AWG [13.3 mm²]
#16- 14 AWG [1.3- 2.1 mm²]
5913-BK
-
5913 0.09
2.29 0.47
11.94
PCB
SB50 Connector
Mini-vertical
Powerclaw Contacts
Guide
Housing
ID
Length
Wire Entrance
990
990G1
5905
Self attaching discrete conductor.
Bolt on discrete conductor.
Bolt on bundled conductors.
The given wire O.D. information is an estimate. Cable clamps should
be evaluated for performance with the actual wire to be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com