Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA8E5 Datasheet(PDF) 67 Page - ATMEL Corporation

Part # ATXMEGA8E5
Description  8/16-bit Atmel AVR XMEGA Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA8E5 Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button ATXMEGA8E5_14 Datasheet HTML 63Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 64Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 65Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 66Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 67Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 68Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 69Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 70Page - ATMEL Corporation ATXMEGA8E5_14 Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 147 page
background image
67
XMEGA E5 [DATASHEET]
Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014
IN
Rd, A
In From I/O Location
Rd
←
I/O(A)
None
1
OUT
A, Rr
Out To I/O Location
I/O(A)
←
Rr
None
1
PUSH
Rr
Push Register on Stack
STACK
←
Rr
None
1(1)
POP
Rd
Pop Register from Stack
Rd
←
STACK
None
2(1)
XCH
Z, Rd
Exchange RAM location
Temp
Rd
(Z)
←
←
←
Rd,
(Z),
Temp
None
2
LAS
Z, Rd
Load and Set RAM location
Temp
Rd
(Z)
←
←
←
Rd,
(Z),
Temp v (Z)
None
2
LAC
Z, Rd
Load and Clear RAM location
Temp
Rd
(Z)
←
←
←
Rd,
(Z),
($FFh – Rd)
(Z)
None
2
LAT
Z, Rd
Load and Toggle RAM location
Temp
Rd
(Z)
←
←
←
Rd,
(Z),
Temp
⊕ (Z)
None
2
Bit and bit-test instructions
LSL
Rd
Logical Shift Left
Rd(n+1)
Rd(0)
C
←
←
←
Rd(n),
0,
Rd(7)
Z,C,N,V,H
1
LSR
Rd
Logical Shift Right
Rd(n)
Rd(7)
C
←
←
←
Rd(n+1),
0,
Rd(0)
Z,C,N,V
1
ROL
Rd
Rotate Left Through Carry
Rd(0)
Rd(n+1)
C
←
←
←
C,
Rd(n),
Rd(7)
Z,C,N,V,H
1
ROR
Rd
Rotate Right Through Carry
Rd(7)
Rd(n)
C
←
←
←
C,
Rd(n+1),
Rd(0)
Z,C,N,V
1
ASR
Rd
Arithmetic Shift Right
Rd(n)
←
Rd(n+1), n=0..6
Z,C,N,V
1
SWAP
Rd
Swap Nibbles
Rd(3..0)
↔
Rd(7..4)
None
1
BSET
s
Flag Set
SREG(s)
←
1
SREG(s)
1
BCLR
s
Flag Clear
SREG(s)
←
0
SREG(s)
1
SBI
A, b
Set Bit in I/O Register
I/O(A, b)
←
1
None
1
CBI
A, b
Clear Bit in I/O Register
I/O(A, b)
←
0
None
1
BST
Rr, b
Bit Store from Register to T
T
←
Rr(b)
T
1
BLD
Rd, b
Bit load from T to Register
Rd(b)
←
T
None
1
SEC
Set Carry
C
←
1
C
1
CLC
Clear Carry
C
←
0
C
1
SEN
Set Negative Flag
N
←
1
N
1
CLN
Clear Negative Flag
N
←
0
N
1
SEZ
Set Zero Flag
Z
←
1
Z
1
CLZ
Clear Zero Flag
Z
←
0
Z
1
SEI
Global Interrupt Enable
I
←
1
I
1
CLI
Global Interrupt Disable
I
←
0
I
1
SES
Set Signed Test Flag
S
←
1
S
1
CLS
Clear Signed Test Flag
S
←
0
S
1
Mnemonics
Operands
Description
Operation
Flags
#Clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com